Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCBG6SP-DBFA-4J5L Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCBG6SP-DBFA-4J5L
Description  white SMT package, colored diffused silicone resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBG6SP-DBFA-4J5L Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCBG6SP-DBFA-4J5L Datasheet HTML 7Page - OSRAM GmbH LCBG6SP-DBFA-4J5L Datasheet HTML 8Page - OSRAM GmbH LCBG6SP-DBFA-4J5L Datasheet HTML 9Page - OSRAM GmbH LCBG6SP-DBFA-4J5L Datasheet HTML 10Page - OSRAM GmbH LCBG6SP-DBFA-4J5L Datasheet HTML 11Page - OSRAM GmbH LCBG6SP-DBFA-4J5L Datasheet HTML 12Page - OSRAM GmbH LCBG6SP-DBFA-4J5L Datasheet HTML 13Page - OSRAM GmbH LCBG6SP-DBFA-4J5L Datasheet HTML 14Page - OSRAM GmbH LCBG6SP-DBFA-4J5L Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Version 1.0
LCB G6SP
2014-04-03
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 85 °C
0
20
40
60
80
100
120
TS [°C]
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
IF [mA]
Do not use below 30 mA
Lx GxxP
10-6
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time
[s]
400
600
800
IF [A]
TS = 0°C ... 91°C
Lx GxxP
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
10-6
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time
[s]
200
400
600
800
IF [A]
TS = 110°C
Lx GxxP
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005


Similar Part No. - LCBG6SP-DBFA-4J5L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBG6SP-DBFA-4J5L OSRAM-LCBG6SP-DBFA-4J5L Datasheet
1Mb / 22P
   Custom Tuning
More results

Similar Description - LCBG6SP-DBFA-4J5L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com