Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBW5SM-FZHX-35 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LBW5SM-FZHX-35
Description  Automotive Interior Lighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5SM-FZHX-35 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBW5SM-FZHX-35 Datasheet HTML 5Page - OSRAM GmbH LBW5SM-FZHX-35 Datasheet HTML 6Page - OSRAM GmbH LBW5SM-FZHX-35 Datasheet HTML 7Page - OSRAM GmbH LBW5SM-FZHX-35 Datasheet HTML 8Page - OSRAM GmbH LBW5SM-FZHX-35 Datasheet HTML 9Page - OSRAM GmbH LBW5SM-FZHX-35 Datasheet HTML 10Page - OSRAM GmbH LBW5SM-FZHX-35 Datasheet HTML 11Page - OSRAM GmbH LBW5SM-FZHX-35 Datasheet HTML 12Page - OSRAM GmbH LBW5SM-FZHX-35 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.3
LB W5SM
2016-02-01
9
Relative Forward Voltage 5) page 20
Relative Vorwärtsspannung 5) Seite 20
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 20
Relativer Lichtstrom 5) Seite 20
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 20
Dominante Wellenlänge 5) Seite 20
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
LB W5SM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
: blue
LB W5SM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φv
Φ
v(25°C)
: blue
LB W5SM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
420
440
460
480
500
520
λ dom [nm]
: blue


Similar Part No. - LBW5SM-FZHX-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBW5SM OSRAM-LBW5SM Datasheet
680Kb / 21P
   Automotive Interior Lighting
More results

Similar Description - LBW5SM-FZHX-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com