Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1490700-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1490700-1
Description  Depress the upper release button located in the C?밾ead and slide the nest into place.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1490700-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1490700-1 Datasheet HTML 1Page - Tyco Electronics 1490700-1 Datasheet HTML 2Page - Tyco Electronics 1490700-1 Datasheet HTML 3Page - Tyco Electronics 1490700-1 Datasheet HTML 4Page - Tyco Electronics 1490700-1 Datasheet HTML 5Page - Tyco Electronics 1490700-1 Datasheet HTML 6Page - Tyco Electronics 1490700-1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408-8704
Crimping Die Assemblies
Rev A
2 of 7
Tyco Electronics Corporation
2. Activate the power unit until the lower die
release button in the ram is exposed.
3. Depress the release button and slide the
indenter out of the ream.
Figure 2
Upper Die
Release
Button
Color
Code
Dot
Lower Die
Release
Button
Crimping
Head
Moving Die
Stationary
Die
4. CRIMPING PROCEDURE
4.1. Crimping Terminals
Avoid personal injury. When operating tool or
power unit, exercise caution while holding
terminals or wire near the crimping area.
1. Strip wire to the dimensions listed in Figure 3.
Do not nick or cut the wire strands.
2. Select the proper color–coded terminal for the
wire size. The wire size stamped on the terminal
tongue and on the crimping die must match the
wire size selected.
3. Insert stripped wire fully into terminal wire barrel.
The end of the conductor must not protrude more
than 1.60 mm [.063 in.] beyond the edge of the
wire barrel.
Do NOT turn or twist the wire or terminal during
insertion.
4. Place the terminal in the stationary die with the
edge of the wire barrel resting against the locator
and the bottom of the terminal tongue facing the
stationary die. See Figure 4.
5. Holding wire in place, activate tool or power unit
to complete crimp.
If terminal sticks in die after crimping, apply a
rocking action to the terminal to remove it from
the die. Wipe light oil on the dies to prevent
sticking, or use spray dry lubricant.
6. Inspect the crimp according to Section 5.
Typical Splice
Wire Stop
Typical Terminal
Window Indent
Wire Strip
Length
Wire Strip
Length
WIRE
WIRE STRIP LENGTH
WIRE
SIZE
(AWG)
TERMINYL TERMINAL AND SPLICE
(AWG)
TERMINAL
SPLICE
8
7.96-9.53 [.313-.375]
15.48-17.07 [.609-.672]
6
11.18-12.70 [.440-.500]
19.45-20.24 [.766-.797]
4
11.18-12.70 [.440-.500]
19.45-21.03 [.766-.828]
2
11.43-13.08 [.450-.515]
21.83-30.18 [.859-1.188]
1/0
18.54-20.24 [.730-.797]
28.58-30.18 [1.125-1.188]
2/0
18.54-20.24 [.730-.797]
28.58-30.18 [1.125-1.188]
3/0
19.05-20.64 [.750-.813]
28.58-30.18 [1.125-1.188]
4/0
19.45-21.03 [.766-.828]
28.58-30.18 [1.125-1.188]
Figure 3
DANGER
CAUTION
!
NOTE
i


Similar Part No. - 1490700-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1490700-1 TEC-1490700-1 Datasheet
519Kb / 10P
   Crimping Die Assemblies
More results

Similar Description - 1490700-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
   Insert the shank of the nest into the yoke and tighten the set screw.
logo
Shoulder Electronics Li...
HDF1358F16 SHOULDER-HDF1358F16 Datasheet
107Kb / 5P
   Subject the device to 85??for 16 hours. Then release the filter into the room conditions
logo
Astec America, Inc
LPX120 ASTEC-LPX120 Datasheet
944Kb / 2P
   Place the insulator over the chassis as shown
NLP250CJ ASTEC-NLP250CJ Datasheet
388Kb / 2P
   Place the cover over the NLP250 as shown
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
   Place the cover over the NLP250 as shown
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
logo
Astec America, Inc
LPX40 ASTEC-LPX40 Datasheet
356Kb / 2P
   Place the insulator over the chassis as shown
logo
TE Connectivity Ltd
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
   Push the tool into the contact cavity on the locking lance side of the connector
logo
Surge Components
SPH2G331MND3045 SURGE-SPH2G331MND3045 Datasheet
263Kb / 2P
   The capacitor can be inserted into the PCB board
logo
Roithner LaserTechnik G...
GRP532-655 ROITHNER-GRP532-655 Datasheet
91Kb / 2P
   do not look into the path of the laser beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com