Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1490599-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1490599-1
Description  Depress the upper release button located in the C?밾ead and slide the nest into place.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1490599-1 Datasheet(HTML) 3 Page - Tyco Electronics

  1490599-1 Datasheet HTML 1Page - Tyco Electronics 1490599-1 Datasheet HTML 2Page - Tyco Electronics 1490599-1 Datasheet HTML 3Page - Tyco Electronics 1490599-1 Datasheet HTML 4Page - Tyco Electronics 1490599-1 Datasheet HTML 5Page - Tyco Electronics 1490599-1 Datasheet HTML 6Page - Tyco Electronics 1490599-1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
408-8704
Crimping Die Assemblies
3 of 7
Rev A
Tyco Electronics Corporation
Figure 4
Crimping Terminals
Bottom of Terminal
Tongue Facing
Stationary Die
Edge of Wire
Barrel Resting
Against Locator
4.2. Crimping Splices
Avoid personal injury. When operating tool or
power unit, exercise caution while holding splice
or wire near the crimping area.
1. Strip wires to the dimensions listed in Figure 3.
Do not nick or cut the wire strands.
2. Select the proper color–coded splice for the wire
size. The wire size stamped on the splice and on
the crimping die must match the wire size selected.
3. Insert the stripped wire into the wire barrel of the
end of the splice to be crimped until the wire
bottoms against the wire stop within the splice.
4. Place the splice in the stationary die. Grasp the
end of the splice to be crimped and point the
opposite end toward the top of the head yoke at
approximately a 30
_ angle. Rotate the end of the
splice to be crimped into the die. Position the edge
of the window indent against the locator. Refer to
Figure 5.
5. Holding wire in place, activate tool or power unit
to complete first wire barrel crimp.
6. When crimp is completed, remove the latch pin,
open the yoke and remove the splice.
If splice sticks in die after crimping, apply a
rocking action to the splice to remove it from the
die. Wipe light oil on dies to reduce sticking, or
use spray dry lubricant.
7. To crimp the other half of splice, reposition
uncrimped end of splice in the stationary die and
follow the same procedure used to crimp the first
half of splice.
8. Inspect the crimp according to Section 5.
Crimping Splices
End of Splice
Pointed Toward
Topof Yoke at
Approximately
30_ Angle
Topof
Yoke
Rotate End of Splice
to be Crimped into
Stationary Die
Edge of Window
Indent Resting
Against Locator
Figure 5
4.3. Crimping Splices With Step-Down Adapter
Avoid personal injury. When operating tool or
power unit, exercise caution while holding splice
or wire near the crimping area.
1. Strip wires to the dimensions listed in Figure 3.
Do not nick or cut the wire strands.
2. Select the proper splice, adapter, and crimping
die for the wire size. See Figure 6. Note that the
end of the splice containing the adapter has a
different color code. Use the crimping die for the
larger wire size to crimp both ends of the splice.
For example, use Crimping Die 1490598–1 (for
wire size 6 AWG) to crimp both ends of the splice
with step–down adapter for stepping down from
wire size 6 to 8 AWG.
DANGER
NOTE
i
DANGER


Similar Part No. - 1490599-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1490599-1 TEC-1490599-1 Datasheet
519Kb / 10P
   Crimping Die Assemblies
More results

Similar Description - 1490599-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
   Insert the shank of the nest into the yoke and tighten the set screw.
logo
Shoulder Electronics Li...
HDF1358F16 SHOULDER-HDF1358F16 Datasheet
107Kb / 5P
   Subject the device to 85??for 16 hours. Then release the filter into the room conditions
logo
Astec America, Inc
LPX120 ASTEC-LPX120 Datasheet
944Kb / 2P
   Place the insulator over the chassis as shown
NLP250CJ ASTEC-NLP250CJ Datasheet
388Kb / 2P
   Place the cover over the NLP250 as shown
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
   Place the cover over the NLP250 as shown
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
logo
Astec America, Inc
LPX40 ASTEC-LPX40 Datasheet
356Kb / 2P
   Place the insulator over the chassis as shown
logo
TE Connectivity Ltd
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
   Push the tool into the contact cavity on the locking lance side of the connector
logo
Surge Components
SPH2G331MND3045 SURGE-SPH2G331MND3045 Datasheet
263Kb / 2P
   The capacitor can be inserted into the PCB board
logo
Roithner LaserTechnik G...
GRP532-655 ROITHNER-GRP532-655 Datasheet
91Kb / 2P
   do not look into the path of the laser beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com