Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBCRBP-HXJX-47-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LBCRBP-HXJX-47-1
Description  Signal and Symbol Luminary
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBCRBP-HXJX-47-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  LBCRBP-HXJX-47-1 Datasheet HTML 1Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 2Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 3Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 4Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 5Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 6Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 7Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 8Page - OSRAM GmbH LBCRBP-HXJX-47-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.3
LB CRBP
2015-11-09
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 20
Durchlassspannungsgruppen 4) Seite 20
Dominant Wavelength Groups 3) page 20
Dominant Wellenlängengruppen
3) Seite 20
Group
Luminous Flux 1) page 20
Luminous Flux 1) page 20
Luminous Intensity
6) page 20
Gruppe
Lichtstrom 1) Seite 20
Lichtstrom 1) Seite 20
Lichtstärke 6) Seite 20
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
HX
28
33
10.1
HY
33
39
11.9
HZ
39
45
13.9
JX
45
52
16
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
8E
2.75
3.00
8F
3.00
3.25
8G
3.25
3.50
Group
blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
4
468
472
5
472
476
6
476
480
7
480
484
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


Similar Part No. - LBCRBP-HXJX-47-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBCRBP-HXJX-46-8E8G OSRAM-LBCRBP-HXJX-46-8E8G Datasheet
938Kb / 21P
   OSLON Signal
More results

Similar Description - LBCRBP-HXJX-47-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
   Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
   Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
   Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
   Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
   Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
   Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
   Signal and Symbol Luminary
LPT67K OSRAM-LPT67K Datasheet
441Kb / 19P
   Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com