Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-4453 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 408-4453
Description  PRO?밅RIMPER III Hand Tool Assembly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-4453 Datasheet(HTML) 2 Page - Tyco Electronics

  408-4453 Datasheet HTML 1Page - Tyco Electronics 408-4453 Datasheet HTML 2Page - Tyco Electronics 408-4453 Datasheet HTML 3Page - Tyco Electronics 408-4453 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408-4453
PRO-CRIMPER III Hand Tool Assembly 58630-1
Rev A
2 of 4
Tyco Electronics Corporation
Figure 2
Tool Frame
Die Retaining
Screws
Crimper Die
Crimping Chamber
Wire Size
Markings
Die Retaining Pin
(4 Places)
Chamfer
Anvil Die Positioned
for 12 AWG
Chamfer
Anvil Die
Positioned
for 10 AWG
3. INSTALLATION AND REMOVAL OF
DIE ASSEMBLY (Figure 2)
1. Open the tool handles and remove the two die
retaining screws from the tool jaws.
2. Place the anvil die in the moving jaw of the tool
frame. The rear crimping chamber is used to crimp
the receptacle—make sure that the wire anvil is
positioned so that the applicable wire size marking
on the die is located at the inside of the frame.
The anvil die is reversible to accommodate wire
size 12 or 10 AWG.
3. Insert die retaining screw and two die retaining
pins through the jaw and into the die. Tighten the
screw just enough to hold the die in place. Do
not
tighten the screw completely at this time.
4. Place the crimper die in the stationary jaw of the
tool frame. Make sure that the chamfered edge of
the die faces outward.
5. Insert die retaining screw and two die retaining
pins through the jaw and into the die. Tighten the
screw just enough to hold the die in place. Do
not
tighten the screw completely at this time.
6. Carefully close the tool handles, making sure
that the anvil and crimper dies align properly.
Continue closing the tool handles until the tool
frame ratchet has engaged sufficiently to hold the
dies in place, then tighten both die retaining
screws.
7. To disassemble, open the tool handles, remove
the two die retaining screws and four die retaining
pins, and slide the dies out of the tool jaws.
4. CRIMPING PROCEDURE
Initially, the crimpingchambers and tool ratchet
should be inspected as specified in Section 5,
CRIMP HEIGHT INSPECTION, and Section 6,
CRIMP HEIGHT ADJUSTMENT, to verify
reliability before usingthe tool.
Refer to Figure 1 and select wire of the specified size.
Strip the wire to the length indicated, taking care not
to nick or cut wire strands. Select an applicable
receptacle and identify the appropriate crimping
chamber according to the wire size markings on the
anvil die. Refer to Figure 3 and proceed as follows:
1. Squeeze tool handles together until the ratchet
releases and then allow the tool jaws to open fully.
2. Insert the receptacle (mating end first) into the
BACK of the tool in the
rear crimping chamber so
that the flat side of the receptacle faces the anvil
die. Make sure that the wire barrel is centered in
the crimping chamber.
3. Hold the receptacle in position and squeeze the
tool handles together until ratchet engages
sufficiently to hold the receptacle in position. Do
NOT deform the wire barrel.
4. Insert the stripped wire into the wire barrel of the
receptacle.
5. Holding the wire in place, squeeze tool handles
together until ratchet releases. Allow tool handles
to open and remove crimped receptacle.
6. Inspect the crimped receptacle to ensure that
the crimp is centered on the wire barrel and the
wire is fully inserted. Check the receptacle crimp
height as described in Section 5. If necessary,
adjust the crimp height as described in Section 6.
NOTE
i
NOTE
i


Similar Part No. - 408-4453

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-4452 TEC-408-4452 Datasheet
129Kb / 4P
   PRO-CRIMPER III Hand Crimping
logo
Tyco Electronics
408-4458 MACOM-408-4458 Datasheet
250Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
More results

Similar Description - 408-4453

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10227 MACOM-408-10227 Datasheet
324Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-10207 MACOM-408-10207 Datasheet
238Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-4031 MACOM-408-4031 Datasheet
238Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-4145 MACOM-408-4145 Datasheet
209Kb / 4P
   PRO?밅RIMPER III Hand Tool Assembly
408-9830 MACOM-408-9830 Datasheet
167Kb / 3P
   PRO?밅RIMPER III Hand Tool Assembly
408-4276 MACOM-408-4276 Datasheet
242Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-4093 MACOM-408-4093 Datasheet
196Kb / 4P
   PRO?밅RIMPER III Hand Tool
408-4217 MACOM-408-4217 Datasheet
293Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-4356 MACOM-408-4356 Datasheet
244Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-10267 MACOM-408-10267 Datasheet
286Kb / 3P
   Undercarpet PRO?밅RIMPER III Hand Tool Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com