Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC576 Datasheet(PDF) 4 Page - Micross Components

Part # HMC576
Description  Test Instrumentation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC576 Datasheet(HTML) 4 Page - Micross Components

  HMC576 Datasheet HTML 1Page - Micross Components HMC576 Datasheet HTML 2Page - Micross Components HMC576 Datasheet HTML 3Page - Micross Components HMC576 Datasheet HTML 4Page - Micross Components HMC576 Datasheet HTML 5Page - Micross Components HMC576 Datasheet HTML 6Page - Micross Components HMC576 Datasheet HTML 7Page - Micross Components HMC576 Datasheet HTML 8Page - Micross Components HMC576 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2
2 - 44
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC576
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 18 - 29 GHz OUTPUT
v00.0506
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2 = 5.0V, 3 dBm Drive Level
Typical Applications
The HMC576 is suitable for:
• Clock Generation Applications:
SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military EW / Radar
• Space
The HMC576 die is a x2 active broadband frequency
multiplier utilizing GaAs PHEMT technology. When
driven by a +3 dBm signal, the multiplier provides
+17 dBm typical output power from 18 to 29
GHz. The Fo and 3Fo isolations are >20 dBc and
>30 dBc respectively at 24 GHz. The HMC576 is ideal
for use in LO multiplier chains for Pt to Pt & VSAT
Radios yielding reduced parts count vs. traditional
approaches. The low additive SSB Phase Noise of
-132 dBc/Hz at 100 kHz offset helps maintain good
system noise performance.
High Output Power: +17 dBm
Low Input Power Drive: -2 to +6 dBm
Fo Isolation: >20 dBc @ Fout= 24 GHz
100 KHz SSB Phase Noise: -132 dBc/Hz
Single Supply: +5V@ 82 mA
Die Size: 1.18 x 1.23 x 0.1 mm
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
9.0 - 14.5
GHz
Frequency Range, Output
18 - 29
GHz
Output Power
11
17
dBm
Fo Isolation (with respect to output level)
20
dBc
3Fo Isolation (with respect to output level)
17
dBc
Input Return Loss
10
dB
Output Return Loss
9dB
SSB Phase Noise (100 kHz Offset)
-132
dBc/Hz
Supply Current (Idd1 & Idd2)
82
mA


Similar Part No. - HMC576

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC576 HITTITE-HMC576 Datasheet
283Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
HMC576 HITTITE-HMC576 Datasheet
224Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
logo
Analog Devices
HMC576 AD-HMC576 Datasheet
305Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC576LC3B HITTITE-HMC576LC3B Datasheet
277Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
HMC576LC3B HITTITE-HMC576LC3B Datasheet
206Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
More results

Similar Description - HMC576

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
   Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
   Test Instrumentation
HMC144LH5 AD-HMC144LH5 Datasheet
548Kb / 8P
   Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com