Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC572 Datasheet(PDF) 9 Page - Micross Components

Part # HMC572
Description  Satellite Communications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC572 Datasheet(HTML) 9 Page - Micross Components

Back Button HMC572 Datasheet HTML 3Page - Micross Components HMC572 Datasheet HTML 4Page - Micross Components HMC572 Datasheet HTML 5Page - Micross Components HMC572 Datasheet HTML 6Page - Micross Components HMC572 Datasheet HTML 7Page - Micross Components HMC572 Datasheet HTML 8Page - Micross Components HMC572 Datasheet HTML 9Page - Micross Components HMC572 Datasheet HTML 10Page - Micross Components HMC572 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3
3 - 151
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1VddRF
Power supply for RF LNA.
External RF bypass capacitors are required.
2VddLO2
Power supply for second stage of LO amplifier.
External RF bypass capacitors are required.
3VddLO
Power supply for first stage of LO amplifier.
External RF bypass capacitors are required.
4LO
This pad is AC coupled
and matched to 50 Ohms.
5IF1
This pad is DC coupled for applications not requiring
operation to DC. This port should be DC blocked exter-
nally using a series capacitor whose value has been
chosen to pass the necessary frequency range. For
operation to DC, this pad must not source / sink more
than 3 mA of current or die non - function and possible
die failure will result.
6IF2
7RF
This pad is AC coupled
and matched to 50 Ohms.
GND
The backside of the die must be
connected to RF/DC ground.
Pad Descriptions
Typical Application
HMC572
v02.0809
GaAs MMIC I/Q DOWNCONVERTER
24 - 28 GHz


Similar Part No. - HMC572

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC572 HITTITE-HMC572 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results

Similar Description - HMC572

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSN1810A-LF ZCOMM-PSN1810A-LF Datasheet
57Kb / 2P
   Satellite Communications
logo
Hittite Microwave Corpo...
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
   Satellite Communications
HMC1063LP3E HITTITE-HMC1063LP3E Datasheet
791Kb / 14P
   Satellite Communications
logo
Z-Communications, Inc
PSN0930A-LF ZCOMM-PSN0930A-LF Datasheet
74Kb / 2P
   Satellite Communications
logo
Analog Devices
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
   Satellite communications
logo
Micross Components
HMC570 MICROSS-HMC570 Datasheet
974Kb / 11P
   Satellite Communications
HMC571 MICROSS-HMC571 Datasheet
909Kb / 11P
   Satellite Communications
logo
Hittite Microwave Corpo...
HMC1056LP4BE HITTITE-HMC1056LP4BE Datasheet
973Kb / 16P
   Satellite Communications
logo
Z-Communications, Inc
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
   Satellite Communications
logo
Analog Devices
HMC1065LP4E AD-HMC1065LP4E Datasheet
1,019Kb / 16P
   Satellite Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com