Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5600-D04 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HEDS-5600-D04
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5600-D04 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HEDS-5600-D04 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5600-D04 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5600-D04 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5600-D04 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5600-D04 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5600-D04 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-5600-D04 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-5600-D04 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HEDS-5600-D04 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Mounting Considerations
The HEDS-5540 and 5640 three
channel encoders and the HEDM
Series high resolution encoders
must be aligned using the aligning
pins as specified in Figure 3, or
using the HEDS-8910 Alignment
Tool as shown in Encoder
Mounting and Assembly.
The use of aligning pins or
alignment tool is recommended
but not required to mount the
HEDS-5500 and 5600. If these
two channel encoders are
attached to a motor with the screw
sizes and mounting tolerances
specified in the mechanical
characteristics section without
any additional mounting bosses,
the encoder output errors will be
within the maximums specified in
the encoding characteristics
section.
The HEDS-5500 and 5540 can be
mounted to a motor using either
the two screw or three screw
mounting option as shown in
Figure 2. The optional aligning
pins shown in Figure 3 can be
used with either mounting option.
The HEDS-5600, 5640, and
HEDM-5600 have external
mounting ears which may be used
for mounting to larger motor base
plates. Figure 4 shows the
necessary mounting holes with
optional aligning pins and motor
boss.
Figure 1. Pull-up Resistors on HEDS-5X40 Encoder Outputs.
Figure 3. Optional Mounting Aids.
Figure 2. Mounting Holes.
11.10 / 10.94
(0.438 / 0.431)
2.39 / 2.34
(0.096 / 0.092)


Similar Part No. - HEDS-5600-D04

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5600 AVAGO-HEDS-5600 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5600 AVAGO-HEDS-5600 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5600 AVAGO-HEDS-5600 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5600 AVAGO-HEDS-5600 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5600 AVAGO-HEDS-5600 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5600-D04

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com