Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMM55C27 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HMM55C27
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMM55C27 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HMM55C27 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMM55C27 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMM55C27 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HMM200201
Issued Date : 2002.05.01
Revised Date : 2002.09.09
Page No. : 2/3
HMM55C Series
HSMC Product Specification
Absolute Maximum Ratings
Characteristics
Symbol
Value
Unit
Zener Current see Table “Characteristics”
-
-
-
Power Dissipation at Tamb=25
°C
Ptot
500*
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Ts
-55 to +175
°C
*Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
Characteristics (Tamb=25
°C)
Characteristics
Symbol
Min
Typ
Max
Unit
Thermal Resistance Junction to Ambient Air
RthA
-
-
0.3* K/mW
Forward Voltage at IF=100mA
VF
-
-
1
V
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Characteristics Curve


Similar Part No. - HMM55C27

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMM52 HSMC-HMM52 Datasheet
42Kb / 3P
   ZENER DIODES
HMM5221B HSMC-HMM5221B Datasheet
42Kb / 3P
   ZENER DIODES
HMM5222B HSMC-HMM5222B Datasheet
42Kb / 3P
   ZENER DIODES
HMM5223B HSMC-HMM5223B Datasheet
42Kb / 3P
   ZENER DIODES
HMM5224B HSMC-HMM5224B Datasheet
42Kb / 3P
   ZENER DIODES
More results

Similar Description - HMM55C27

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com