Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RC2-RLSCL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T89C51RC2-RLSCL
Description  8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-RLSCL Datasheet(HTML) 2 Page - ATMEL Corporation

  T89C51RC2-RLSCL Datasheet HTML 1Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Rev. B - 30-Mar-01
Preliminary
T89C51RB2/RC2
Hardware Watchdog Timer (One-time enabled with Reset-Out)
Power control modes:
• Idle Mode.
• Power-down mode.
-50
µA at 3V
- 100
µA Commercial at 5V
- 150
µA Industrial at 5V
• Power-Off Flag.
Power supply: 4.5 to 5.5V or 2.7 to 3.6V
Temperature ranges: Commercial (0 to +70°C) and industrial (-40°C to +85°C).
Packages: PDIL40, PLCC44, VQFP44
Table 1. Memory Size
3. Block Diagram
Flash (bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
T89C51RB2
16k
1024
1280
32
T89C51RC2
32k
1024
1280
32
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(2)
(2)
C51
CORE
(2) (2)
(2) (2)
Port 0 Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
XRAM
1Kx8
IB-bus
PCA
PROG
Watch
Dog
(2)
(2)
(1)
(1): Alternate function of Port 1
(2): Alternate function of Port 3
(1)
Timer2
(1)
(1)
Port I2
Flash
32Kx8 or
16Kx8
Key
Board
ROM
2Kx8
Boot
+
BRG
SPI
(1) (1) (1) (1)


Similar Part No. - T89C51RC2-RLSCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RC2-RLTIL ATMEL-T89C51RC2-RLTIL Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RC2-RLTIM ATMEL-T89C51RC2-RLTIM Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
More results

Similar Description - T89C51RC2-RLSCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C52 ICSI-IC89C52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Intel Corporation
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
logo
Integrated Circuit Solu...
IC89E54 ICSI-IC89E54 Datasheet
180Kb / 36P
   8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com