Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH3548F Datasheet(PDF) 8 Page - Rohm

Part # BH3548F
Description  Standard Headphone Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3548F Datasheet(HTML) 8 Page - Rohm

Back Button BH3548F Datasheet HTML 4Page - Rohm BH3548F Datasheet HTML 5Page - Rohm BH3548F Datasheet HTML 6Page - Rohm BH3548F Datasheet HTML 7Page - Rohm BH3548F Datasheet HTML 8Page - Rohm BH3548F Datasheet HTML 9Page - Rohm BH3548F Datasheet HTML 10Page - Rohm BH3548F Datasheet HTML 11Page - Rohm BH3548F Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.rohm.com
2015.06 - Rev.D
© 2015 ROHM Co., Ltd. All rights reserved.
Technical Note
8/8
BH3544F,BH3547F,BH3548F
Ordering part number
B
H
3
5
4
4
F
-
E
2
Part No.
Part No.
3544
3547
3548
Package
F: SOP8
Packaging and forming specification
E2: Embossed tape and reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SOP8
4
°
+6°
−4°
0.17
+0.1
-0.05
0.595
6
4
3
8
2
5
1
7
5.0
±0.2
(MAX 5.35 include BURR)
1.27
0.42
±0.1
S
0.1
S


Similar Part No. - BH3548F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3548F ROHM-BH3548F Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3548F ROHM-BH3548F Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3548F ROHM-BH3548F Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
BH3548F-E2 ROHM-BH3548F-E2 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3548F-E2 ROHM-BH3548F-E2 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
More results

Similar Description - BH3548F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F_11 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BD88200GUL ROHM-BD88200GUL Datasheet
654Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Rohm
BD88400GUL ROHM-BD88400GUL Datasheet
594Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com