Electronic Components Datasheet Search |
|
BH3548F Datasheet(PDF) 2 Page - Rohm |
|
BH3548F Datasheet(HTML) 2 Page - Rohm |
2 / 12 page www.rohm.com 2015.06 - Rev.D © 2015 ROHM Co., Ltd. All rights reserved. Technical Note 2/8 BH3544F,BH3547F,BH3548F ● Electrical characteristics (Unless otherwise noted, Ta=25°C,VCC=5V,RL=32Ω,f=1kHz,BW=400~30kHz, VIN =-6dBV) Parameter Symbol Limits(TYP.) Unit Conditions BH3544F BH3547F BH3548F Quiescent current IQ 7 3.7 6.5 mA VIN=0Vrms Mute pin control voltage H VTMH 1.6< V Mute OFF Mute pin control voltage L VTML <0.3 V Mute ON Gain GVC 6 dB - Gain difference between channels Δ GVC 0 dB - Total harmonic distortion THD 0.02 0.05 0.02 % BW=20~20kHz Rated output 1 PO1 31 46 31 mW RL=32Ω,THD<0.1% (BH3541F,BH3544F,BH3548F) RL=32Ω,THD<0.3% (BH3547F) Rated output 2 PO2 62 77 62 mW RL=16Ω,THD<0.1% (BH3541F,BH3544F,BH3548F) RL=16Ω,THD<0.5% (BH3547F) Rated output 3 PO3 - 120 mW R L =8Ω,THD<0.25% (BH3548F) Output noise voltage VNO -93 dBV BW=20~20kHz,Rg=0Ω Channel separation CS -90 -87 -90 dB Rg=0Ω Mute attenuation ATT -80 dB Rg=0Ω Ripple rejection RR -57 dB fRR=100Hz,VRR=-20dBV Input resistance Rin 90 kΩ - ● Reference data BH3544F BH3544F BH3544F Fig. 1 Quiescent current vs. power supply voltage Fig. 2 in DC current vs. power supply voltage Fig. 3 Output voltage vs. Mute control voltage |
Similar Part No. - BH3548F |
|
Similar Description - BH3548F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |