Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7824FVM Datasheet(PDF) 2 Page - Rohm

Part # BH7824FVM
Description  1.1W to1.5W Monaural Speaker Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7824FVM Datasheet(HTML) 2 Page - Rohm

  BH7824FVM Datasheet HTML 1Page - Rohm BH7824FVM Datasheet HTML 2Page - Rohm BH7824FVM Datasheet HTML 3Page - Rohm BH7824FVM Datasheet HTML 4Page - Rohm BH7824FVM Datasheet HTML 5Page - Rohm BH7824FVM Datasheet HTML 6Page - Rohm BH7824FVM Datasheet HTML 7Page - Rohm BH7824FVM Datasheet HTML 8Page - Rohm BH7824FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
BH7824FVM,BH7826FVM
2/14
www.rohm.com
2015.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Operating conditions (Ta=25℃)
Parameter
Ratings
BH7824FVM
BH7826FVM
Supply voltage
2.4V ~ 5.5V
2.6 ~ 5.5
* Note: This IC is not designed to be radiation-resistant.
Electrical characteristics (Unless otherwise noted Ta=25℃, Vcc=3.6V, f=1kHz, RL=8Ω)
Parameter
Symbol
Limits(Typ.)
Unit
Conditions
BA7824FVM
BA7826FVM
Circuit current 1
ICC1
3.5
3.5
mA
No signal , Active mode
Circuit current 2
ICC2
0
0
μA
No signal, Suspend mode
Voltage gain 1
GV1
+11.5
+11.5
dB
VIN=-20dBV,1st Op-amp gain
Voltage gain 2
GV2
0
dB
2nd Op-amp gain
Maximum output voltage1
VOM1
+6.0
+6.0
dBV
DSTN=1% ,BTL
*1
Maximum output voltage2
VOM2
+5.1
dBV
VCC=3.4V,DSTN=1%,BTL
*1
Output distortion
DSTN
0.07
0.2
%
VIN=-20dB,V SE
*1
Output noise level
VNO
-94
-94
dBV
No signal, SE Active mode
*2
Suspend attenuation
GS
-107
-107
dBV
VIN=-20dB,V BTL
*2
Bias setting voltage
VBIAS
1.8
1.8
V
3pin DC voltage
Suspend hold voltage / H
VSH1
VCC×0.8 ~ VCC
2.0 ~ VCC
V
Active mode, Hold voltage
Suspend hold voltage / L
VSH2
0 ~ 0.5
0 ~ 0.5
V
Suspend mode, Hold voltage
*1 : B.W.=0.4 ~ 30kHz
*2 : DIN AUDIO


Similar Part No. - BH7824FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM Datasheet
172Kb / 5P
   Audio Driver (Speaker AMP) for Mobile telephone
BH7824FVM ROHM-BH7824FVM Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM Datasheet
335Kb / 15P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM-TR ROHM-BH7824FVM-TR Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
More results

Similar Description - BH7824FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM_05 Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_10 Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV Datasheet
851Kb / 17P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_11 Datasheet
335Kb / 15P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV_1 Datasheet
425Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifier
BD5632NUX ROHM-BD5632NUX_10 Datasheet
400Kb / 15P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Rohm
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com