Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7673G Datasheet(PDF) 5 Page - Rohm

Part # BH7673G
Description  Video isolation amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7673G Datasheet(HTML) 5 Page - Rohm

  BH7673G_15 Datasheet HTML 1Page - Rohm BH7673G_15 Datasheet HTML 2Page - Rohm BH7673G_15 Datasheet HTML 3Page - Rohm BH7673G_15 Datasheet HTML 4Page - Rohm BH7673G_15 Datasheet HTML 5Page - Rohm BH7673G_15 Datasheet HTML 6Page - Rohm BH7673G_15 Datasheet HTML 7Page - Rohm BH7673G_15 Datasheet HTML 8Page - Rohm BH7673G_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Technical Note
5/9
BH7673G
www.rohm.com
2015.03 - Rev.B
© 2015 ROHM Co., Ltd. All rights reserved.
●Cautions for use
1. The numerical values and data shown here are typical design values, not guaranteed values.
2. The application circuit examples show recommended circuits, but characteristics should be checked carefully before using
these circuits. If any external part constants are modified before use, factors such as variation in all external parts and
ROHM LSI ICs, including not only static characteristics but also transient characteristics, should be fully considered to set
an ample margin.
3. Absolute maximum ratings
If the absolute maximum ratings for applied voltage and/or operation temperature are exceeded, LSI damage may
result. Therefore, do not apply voltage or use in a temperature that exceeds these absolute maximum ratings. If it
is possible that absolute maximum ratings will be exceeded, use a physical safety device such as a fuse and make
sure that no conditions that might exceed the absolute maximum ratings will be applied to the LSI IC.
4. GND potential
Regardless of the operation mode, the voltage of the GND pin should be at least the minimum voltage. Actually check
whether or not the voltage at each pin, including transient phenomena, is less than the GND pin voltage.
5. Thermal design
The thermal design should be done using an ample margin that takes into consideration the allowable dissipation under
actual use conditions.
6. Shorts between pins and mounting errors
When mounting LSI ICs onto the circuit board, make sure each LSI's orientation and position is correct. The ICs may
become damaged if they are not mounted correctly when the power is turned on. Similarly, damage may also result if a
short occurs, such as when a foreign object is positioned between pins in an IC, or between a pin and a power supply or
GND connection
7. Operation in strong electromagnetic field
When used within a strong electromagnetic field, evaluate carefully to avoid the risk of operation faults
8. Place the power supply's decoupling capacitor as close as possible to the VCC pin (PIN 3) and GND pin (PIN 2).
9. The parasitic capacitance of the application board may cause the peak of the frequency characteristic response to occur at
a high frequency. To lower the peak of the frequency characteristic, connect in series resistors having resistance of
several dozen ohm to several hundred ohm as close as possible to the output pin.
10. The attention point when treating HD signal
As shown in reference data Fig.20, BH7673G have the frequency characteristic of equal to or more than 30 MHz but by the
influence with the parasitic capacitance of the application board and so on, a characteristic as in the carrying data isn't
sometimes gotten. The frequency characteristic can be improved in inserting about 2kΩ ~ 3kΩ resistance between the
output terminal and the GND terminal to the case.
1
OUT
Resistors (several dozen Ω to
several hundredΩ) to lower peak
frequency
Fig.7
Positions where Resistors are Inserted to Lower Peak Frequency Response
OUT
The resistance for the frequency characteristic
improvement2kΩ~3kΩ
1
2
GND
Fig.8
The resistance insertion position for the frequency characteristic improvement


Similar Part No. - BH7673G_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7673G ROHM-BH7673G Datasheet
119Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BH7673G_15

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R3554 MPSIND-R3554 Datasheet
495Kb / 1P
   VIDEO ISOLATION TRANSFORMER
R3532 MPSIND-R3532 Datasheet
244Kb / 1P
   VIDEO ISOLATION TRANSFORMER
R3557 MPSIND-R3557 Datasheet
213Kb / 1P
   VIDEO ISOLATION TRANSFORMER
logo
New Japan Radio
NJW1341 NJRC-NJW1341 Datasheet
122Kb / 6P
   8input-2output Video Switch with Isolation Amplifier & small AC-coupled Video Driver
logo
List of Unclassifed Man...
LL1575 ETC1-LL1575 Datasheet
21Kb / 1P
   Video Isolation Transformer LL1575
logo
MPS Industries, Inc.
R3536 MPSIND-R3536 Datasheet
274Kb / 1P
   MINI VIDEO ISOLATION TRANSFORMER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
   Isolation Amplifier
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
   VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
   Video Amplifier
March, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com