Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU94603KV Datasheet(PDF) 4 Page - Rohm

Part # BU94603KV
Description  AAC/WMA/MP3 SD Memory Card iPod
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU94603KV Datasheet(HTML) 4 Page - Rohm

  BU94603KV Datasheet HTML 1Page - Rohm BU94603KV Datasheet HTML 2Page - Rohm BU94603KV Datasheet HTML 3Page - Rohm BU94603KV Datasheet HTML 4Page - Rohm BU94603KV Datasheet HTML 5Page - Rohm BU94603KV Datasheet HTML 6Page - Rohm BU94603KV Datasheet HTML 7Page - Rohm BU94603KV Datasheet HTML 8Page - Rohm BU94603KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
4/66
Datasheet
Datasheet
BU94601KV BU94603KV BU94604BKV
TSZ02201-0V2V0E600010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2012.07.12 Rev.001
www.rohm.com
TSZ22111・15・001
●Difference of BU94601KV/BU94603KV/BU94604BKV features
Item
BU94601KV
BU94603KV
BU94604BKV
Package
VQFP64
Number of pins
64pin
Power supply
3.3V (inner 1.5V regulator )
USB Host I/F
USB Full speed(12Mbps)
USB mass storage class
SD Card I/F
SPI mode
SD, SDHC, MMC, mini-SDcard
I
2C command I/F(Slave)
Supported
Audio line output
Supported
Digital audio output
I
2S
SPDIF
Sample rate converter
Supported
clock
16.9344MHz
Playable MP3 files
*.mp3,*.mp2,*.mp1
Playable WMA files
Not supported
*.asf,*.wma
Playable AAC files
Not supported
*.m4a,*.3gp,*.mp4
iPod
Not supported
Supported*1
*1
For using of BU94604BKV, It is necessary to become a licensee of Apple Inc. regarding "Made for iPod/iPhone/iPad License".


Similar Part No. - BU94603KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU94603KV ROHM-BU94603KV Datasheet
146Kb / 5P
   Silicon Monolithic integrated circuit
More results

Similar Description - BU94603KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU94501AMUV ROHM-BU94501AMUV Datasheet
1Mb / 73P
   AAC/WMA/MP3 SD Memory Card iPod
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
   AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
List of Unclassifed Man...
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
   MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
   MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Rohm
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
logo
List of Unclassifed Man...
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
   Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
VLSI Solution Oy
VS1053 VLSI-VS1053 Datasheet
817Kb / 90P
   VS1053b - Ogg Vorbis/MP3/AAC/WMA/FLAC/ MIDI AUDIO CODEC CIRCUIT
Version: 1.31, 2017-11-17
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
   MP3 / WMA AUDIO CODEC
logo
Princeton Technology Co...
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
   MP3, AAC Decoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com