Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU94501AKS2 Datasheet(PDF) 10 Page - Rohm

Part # BU94501AKS2
Description  AAC/WMA/MP3 SD Memory Card iPod
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU94501AKS2 Datasheet(HTML) 10 Page - Rohm

Back Button BU94501AKS2 Datasheet HTML 6Page - Rohm BU94501AKS2 Datasheet HTML 7Page - Rohm BU94501AKS2 Datasheet HTML 8Page - Rohm BU94501AKS2 Datasheet HTML 9Page - Rohm BU94501AKS2 Datasheet HTML 10Page - Rohm BU94501AKS2 Datasheet HTML 11Page - Rohm BU94501AKS2 Datasheet HTML 12Page - Rohm BU94501AKS2 Datasheet HTML 13Page - Rohm BU94501AKS2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
10/69
Datasheet
Datasheet
BU9450xAxxx series
TSZ02201-0V2V0E600070-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2012.12.10 Rev.003
www.rohm.com
TSZ22111・15・001
●Description of each block’s movement
-part1
1.
USB host interface
Builds in the USB Full speed (12Mbps) HOST control function.
Supports the USB mass storage class.
Supports changeover of LUN (Logical Unit Number) and possible that Test Unit Ready of other LUN is confirmed
during the playback.
Converts the protocol from I
2C to USB (HID) or vice versa during communications with the master
microcomputer.*
Builds in isochronous transmission functions up to 192byte/Frame. *
Builds in the interrupt IN transfer function. *
Doesn’t support external HUB.
Doesn’t support MTP.
*These functions are available for a device having two or more configurations.
2.
SD card interface
Supports the SPI mode.
Supports SDHC memory cards.
Supports MMC, mini-SD and micro-SD cards.
Does not support CPRM.
3.
I
2C command interface (Slave I/F)
Communicates with the master microcomputer using the I
2C interface format.
Operates as I
2C slave I/F.
Supports the standard mode (100kbps) and the fast mode (400kbps).
Supports 7-bit addresses.
4.
Audio output
Supports audio line outputs from built-in 1bit-DAC.
Builds in the digital soft mute function. *
Supports digital audio outputs of the I
2S format, the EIAJ format and those and the digital audio interface
(SPDIF).
Builds in sound effects including POPS, JAZZ, ROCK, CLASSIC, R&B and Bass Boost. *
*This is available for audio line outputs only.
5.
Sample rate converter
Converts all support sample rates to 44.1 kHz based on the polyphase calculation.
Selection of sample rate converter ON / OFF is possible by the command configuration.
* Supports only digital audio outputs of the I
2S and EIAJ format and
When sample rate converter is used in off, enter the clock of 24.576 MHz synchronizing with the clock of 16.9344
MHz ( enter XIN_PLL terminal ) to the CLK24MI terminal.
6.
System controller
Control all operations including interface control to the master microcomputer, USB device access, SD card
access, FAT analysis, sort function, decoding, encoding and audio output.


Similar Part No. - BU94501AKS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9457KV ROHM-BU9457KV Datasheet
210Kb / 5P
   USB host MP3 Decoder LSI
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
More results

Similar Description - BU94501AKS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU94601KV ROHM-BU94601KV_12 Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
   AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
List of Unclassifed Man...
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
   MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
   MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Rohm
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
logo
List of Unclassifed Man...
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
   Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
VLSI Solution Oy
VS1053 VLSI-VS1053 Datasheet
817Kb / 90P
   VS1053b - Ogg Vorbis/MP3/AAC/WMA/FLAC/ MIDI AUDIO CODEC CIRCUIT
Version: 1.31, 2017-11-17
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
   MP3 / WMA AUDIO CODEC
logo
Princeton Technology Co...
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
   MP3, AAC Decoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com