Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9409FV Datasheet(PDF) 7 Page - Rohm

Part # BU9409FV
Description  32bit Audio DSP
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9409FV Datasheet(HTML) 7 Page - Rohm

Back Button BU9409FV_12 Datasheet HTML 3Page - Rohm BU9409FV_12 Datasheet HTML 4Page - Rohm BU9409FV_12 Datasheet HTML 5Page - Rohm BU9409FV_12 Datasheet HTML 6Page - Rohm BU9409FV_12 Datasheet HTML 7Page - Rohm BU9409FV_12 Datasheet HTML 8Page - Rohm BU9409FV_12 Datasheet HTML 9Page - Rohm BU9409FV_12 Datasheet HTML 10Page - Rohm BU9409FV_12 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Technical Note
7/54
BU9409FV
www.rohm.com
2012.03 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
1.Command interface
I
2C bus method is used in command interface with host CPU on BU9409FV.
In BU9409FV, not only writing but read-out is possible except for some registers.
Besides the slave address in BU9409FV, one byte select address can be Specified, written and readout.
The format of I
2C bus slave mode is shown below.
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
S: Start condition
Slave Address:
Putting up the bit of read mode (H") or write mode (L") after slave address (7bit) set with ADDR,
the data of eight bits in total will be sent. (MSB first)
A: The acknowledge bit in each byte adds into the data when acknowledge is sent and received.
When data is correctly sent and received, "L" will be sent and received.
There was no acknowledge for "H".
Select Address: 1 byte select address is used in BU9409FV. (MSB first)
Data: Data-byte, data(MSB first)sent and received
P: Stop Condition
1
1--1
1.. D
Da
atta
a w
wrriittiin
ng
g
S
Slave Address
A
Select Address
A
Data
A
P
: From master to slave
: From slave to master
ADDR=0
MSB
LSB
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
0
0
ADDR=1
MSB
LSB
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
1
0
S
Slave Address
A Select Address
A
Data
A
Data
A
Data
A
P
(example)
80h
20h
00h
00h
00h
: From master to slave
: From slave to master
Setting of BU9409FV slave address
Terminal setting
Write-mode
Slave-address
ADDR
0
80h
1
82h
SDA
SCL
MSB
6
5
LSB
Start Condition
When SDA
, SCL=”H”
Stop Condition
When SDA
, SCL=”H”


Similar Part No. - BU9409FV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9406KS2 ROHM-BU9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2-E2 ROHM-BU9408KS2-E2 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
More results

Similar Description - BU9409FV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
Sanyo Semicon Device
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
   LC75010W Car Audio DSP
logo
Asahi Kasei Microsystem...
AK4438VN AKM-AK4438VN Datasheet
1Mb / 63P
   108dB 768kHz 32bit 8-Channel Audio DAC
AK4436VN AKM-AK4436VN Datasheet
1Mb / 63P
   108dB 768kHz 32bit 8-Channel Audio DAC
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4432VT AKM-AK4432VT Datasheet
1Mb / 50P
   108dB 192kHz 32bit 2-Channel Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com