Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU94501AMUV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU94501AMUV-E2
Description  AAC/WMA/MP3 SD Memory Card iPod
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU94501AMUV-E2 Datasheet(HTML) 1 Page - Rohm

  BU94501AMUV-E2 Datasheet HTML 1Page - Rohm BU94501AMUV-E2 Datasheet HTML 2Page - Rohm BU94501AMUV-E2 Datasheet HTML 3Page - Rohm BU94501AMUV-E2 Datasheet HTML 4Page - Rohm BU94501AMUV-E2 Datasheet HTML 5Page - Rohm BU94501AMUV-E2 Datasheet HTML 6Page - Rohm BU94501AMUV-E2 Datasheet HTML 7Page - Rohm BU94501AMUV-E2 Datasheet HTML 8Page - Rohm BU94501AMUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
○Product structure:Silicon Monolithic integrated circuit Radiation resistance design is not arranged
1/69
TSZ02201-0V2V0E600070-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2012.12.10 Rev.003
www.rohm.com
TSZ22111・14・001
Datasheet
USB Audio Decoder LSI Series
AAC/WMA/MP3
+SD Memory Card + iPod
BU9450xAxxx Series
●Description
BU9450xAxxx series are WAV/AAC/WMA/MP3 decoder
LSI which contains USB host, SD card I/F, audio DAC,
system controller, regulator for internal CORE power
supply.
●Features
USB2.0 Full Speed host I/F function contained.
SD card I/F function contained.
I
2C format I/F function contained.
Protocol conversion from I
2C to USB HID or from USB
HID to I
2C.
(BU94502AMUV and BU94502ASK2 only)
MP3
decode
function
contained.
(Available
for
MPEG1, 2 and 2.5, Layer 1, 2 and 3)
WMA decode function contained. (Available for WMA9
standard and not available for DRM)
AAC
decode
function
contained.
(available
for
MPEG4 AAC-LC and not available for DRM)
WAV format file playing function contained.
Sample Rate Converter contained.
System Controller contained.
FAT analysis function contained.
Browsing function of File Names, Folder Names on
music playing contained.
ID3TAG and WMATAG and AACTAG Analysis.
Fast forward playing and fast backward playing
function contained.
Resume function contained.
Reading a specified file data is possible from
connected memory.
LUN is selectable.
Sound Effect function contained.
Digital Audio Out function contained.
(I
2S, EIAJ, S/PDIF)
Audio DAC contained.
Regulator for internal CORE power supply contained.
●Applications
Audio products, etc
●Package
W(Typ.) x D(Typ.) x H(Max.)
VQFN040V6060
6.00mm x 6.00mm x 1.00mm
SQFP-T52M
12.00mm x 12.00mm x 1.50mm
●Line up
Part number
iPod
Package
Ordering part number
BU94501AMUV
Not supported
VQFN040V6060
Reel of 2000
BU94501AMUV-E2
BU94501AKS2
SQFP-T52M
Tray of 1000
BU94501AKS2
BU94502AMUV
Supported
VQFN040V6060
Reel of 2000
BU94502AMUV-E2
BU94502AKS2
SQFP-T52M
Tray of 1000
BU94502AKS2


Similar Part No. - BU94501AMUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9457KV ROHM-BU9457KV Datasheet
210Kb / 5P
   USB host MP3 Decoder LSI
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
More results

Similar Description - BU94501AMUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU94601KV ROHM-BU94601KV_12 Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
   AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
List of Unclassifed Man...
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
   MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
   MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Rohm
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
logo
List of Unclassifed Man...
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
   Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
VLSI Solution Oy
VS1053 VLSI-VS1053 Datasheet
817Kb / 90P
   VS1053b - Ogg Vorbis/MP3/AAC/WMA/FLAC/ MIDI AUDIO CODEC CIRCUIT
Version: 1.31, 2017-11-17
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
   MP3 / WMA AUDIO CODEC
logo
Princeton Technology Co...
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
   MP3, AAC Decoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com