Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXL035N03 Datasheet(PDF) 6 Page - Rohm

Part # PXL035N03
Description  Nch 30V 3.5A Small Signal MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PXL035N03 Datasheet(HTML) 6 Page - Rohm

Back Button PXL035N03 Datasheet HTML 2Page - Rohm PXL035N03 Datasheet HTML 3Page - Rohm PXL035N03 Datasheet HTML 4Page - Rohm PXL035N03 Datasheet HTML 5Page - Rohm PXL035N03 Datasheet HTML 6Page - Rohm PXL035N03 Datasheet HTML 7Page - Rohm PXL035N03 Datasheet HTML 8Page - Rohm PXL035N03 Datasheet HTML 9Page - Rohm PXL035N03 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RXL035N03
           
               
Datasheet
l
lElectrical characteristic curves
Fig.9 Gate Threshold Voltage vs.
     Junction Temperature
Fig.10 Forward Transfer Admittance vs.
     Drain Current
Fig.11 Drain Current Derating Curve
Fig.12 Static Drain - Source On - State
   Resistance vs. Gate Source Voltage
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
6/11
20160715 - Rev.001


Similar Part No. - PXL035N03

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PXLA3010 CELDUC-PXLA3010 Datasheet
346Kb / 2P
   MAGNETIC PROXIMITY SENSOR
logo
Intel Corporation
PXLA8591LR INTEL-PXLA8591LR Datasheet
550Kb / 2P
   Industry-leading 10 Gigabit Single-mode Fiber Server Connection
PXLA8591SR INTEL-PXLA8591SR Datasheet
550Kb / 2P
   Industry-leading 10 Gigabit Multi-mode Fiber Server Connection
logo
BOWEI Integrated Circui...
PXLN32 BOWEI-PXLN32 Datasheet
205Kb / 1P
   Ultra low phase noise g eneral c rystal oscillator
More results

Similar Description - PXL035N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ035N03HZG ROHM-RTQ035N03HZG Datasheet
2Mb / 15P
   Nch 30V 3.5A Small Signal MOSFET
RSQ035N03HZG ROHM-RSQ035N03HZG Datasheet
2Mb / 15P
   Nch 30V 3.5A Small Signal MOSFET
RSQ035N06FRA ROHM-RSQ035N06FRA Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
RQ5L035GN ROHM-RQ5L035GN Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
RSQ035N06HZG ROHM-RSQ035N06HZG Datasheet
2Mb / 15P
   Nch 60V 3.5A Small Signal MOSFET
QS8K2HZG ROHM-QS8K2HZG Datasheet
2Mb / 15P
   30V NchNch Small Signal MOSFET
RQ5E035AT ROHM-RQ5E035AT Datasheet
2Mb / 15P
   Pch -30V -3.5A Small Signal MOSFET
RSQ035P03HZG ROHM-RSQ035P03HZG Datasheet
2Mb / 15P
   Pch -30V -3.5A Small Signal MOSFET
QH8KA3 ROHM-QH8KA3 Datasheet
2Mb / 15P
   Nch Nch 30V 9.0A Small Signal MOSFET
RSR025N03FRATL ROHM-RSR025N03FRATL Datasheet
2Mb / 14P
   Nch 30V 2.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com