Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6007MND3 Datasheet(PDF) 2 Page - Rohm

Part # R6007MND3
Description  Nch 600V 7A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6007MND3 Datasheet(HTML) 2 Page - Rohm

  R6007MND3 Datasheet HTML 1Page - Rohm R6007MND3 Datasheet HTML 2Page - Rohm R6007MND3 Datasheet HTML 3Page - Rohm R6007MND3 Datasheet HTML 4Page - Rohm R6007MND3 Datasheet HTML 5Page - Rohm R6007MND3 Datasheet HTML 6Page - Rohm R6007MND3 Datasheet HTML 7Page - Rohm R6007MND3 Datasheet HTML 8Page - Rohm R6007MND3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
R6007MND3
          
               
Datasheet
l
lThermal resistance
 
                                 
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - case
RthJC*4
-
-
1.31
/W
Thermal resistance, junction - ambient
RthJA
-
-
100
/W
Soldering temperature, wavesoldering for 10s
Tsold
-
-
265
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS
VGS = 0V, ID = 1mA
600
-
-
V
Zero gate voltage
drain current
IDSS
VDS = 600V, VGS = 0V
 
 
 
μA
Tj = 25°C
-
-
100
Tj = 125°C
-
-
-
Gate - Source leakage current
IGSS
VGS = ±30V, VDS = 0V
-
-
±100
nA
Gate threshold voltage
VGS(th)
VDS = 10V, ID = 135μA
3.0
-
5.0
V
Static drain - source
on - state resistance
RDS(on)*3
VGS = 10V, ID = 3.5A
 
 
 
Ω
Tj = 25°C
-
0.540
0.730
Tj = 125°C
-
-
-
Gate resistance
RG
f = 1MHz, open drain
-
3.5
-
Ω
                                                       
 
                                 
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/11
20160714 - Rev.003


Similar Part No. - R6007MND3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6007MNJ ISC-R6007MNJ Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - R6007MND3

ManufacturerPart #DatasheetDescription
logo
Rohm
R6007ENJ ROHM-R6007ENJ Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007JNX ROHM-R6007JNX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007JND3 ROHM-R6007JND3 Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007KNJ ROHM-R6007KNJ Datasheet
2Mb / 13P
   Nch 600V 7A Power MOSFET
R6007ENX ROHM-R6007ENX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007END3 ROHM-R6007END3 Datasheet
2Mb / 16P
   Nch 600V 7A Power MOSFET
R6007RND3 ROHM-R6007RND3 Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
20220425 - Rev.001
R6007JNJ ROHM-R6007JNJ Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007KNX ROHM-R6007KNX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R5007FNX ROHM-R5007FNX Datasheet
3Mb / 14P
   Nch 500V 7A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com