Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCJ080N25 Datasheet(PDF) 11 Page - Rohm

Part # RCJ080N25
Description  Nch 250V 8.0A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RCJ080N25 Datasheet(HTML) 11 Page - Rohm

Back Button RCJ080N25 Datasheet HTML 6Page - Rohm RCJ080N25 Datasheet HTML 7Page - Rohm RCJ080N25 Datasheet HTML 8Page - Rohm RCJ080N25 Datasheet HTML 9Page - Rohm RCJ080N25 Datasheet HTML 10Page - Rohm RCJ080N25 Datasheet HTML 11Page - Rohm RCJ080N25 Datasheet HTML 12Page - Rohm RCJ080N25 Datasheet HTML 13Page - Rohm RCJ080N25 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RCJ080N25
lMeasurement circuits
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
Fig.3-1 Avalanche Measurement Circuit
Fig.3-2 Avalanche Waveform
11/12
2012.09 - Rev.A


Similar Part No. - RCJ080N25

ManufacturerPart #DatasheetDescription
logo
Rohm
RCJ081N20 ROHM-RCJ081N20 Datasheet
1Mb / 13P
   Nch 200V 8.0A Power MOSFET
logo
Inchange Semiconductor ...
RCJ081N20 ISC-RCJ081N20 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - RCJ080N25

ManufacturerPart #DatasheetDescription
logo
Rohm
RCX081N20 ROHM-RCX081N20 Datasheet
456Kb / 13P
   Nch 200V 8.0A Power MOSFET
RQ7G080BG ROHM-RQ7G080BG Datasheet
2Mb / 14P
   Nch 40V 8.0A Power MOSFET
20211118 - Rev.003
RCJ081N20 ROHM-RCJ081N20 Datasheet
1Mb / 13P
   Nch 200V 8.0A Power MOSFET
RCJ220N25 ROHM-RCJ220N25 Datasheet
730Kb / 14P
   Nch 250V 22A Power MOSFET
RCX220N25 ROHM-RCX220N25 Datasheet
710Kb / 14P
   Nch 250V 22A Power MOSFET
RJ1U330AAFRGTL ROHM-RJ1U330AAFRGTL Datasheet
2Mb / 14P
   Nch 250V/33A Power MOSFET
RCJ510N25 ROHM-RCJ510N25 Datasheet
724Kb / 14P
   Nch 250V 51A Power MOSFET
RCD041N25 ROHM-RCD041N25 Datasheet
850Kb / 14P
   Nch 250V 4.0A Power MOSFET
RD3U080CN ROHM-RD3U080CN Datasheet
2Mb / 15P
   Nch 250V 8A Power MOSFET
RDR005N25 ROHM-RDR005N25 Datasheet
546Kb / 13P
   Nch 250V 0.5A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com