Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ6E060AT Datasheet(PDF) 6 Page - Rohm

Part # RQ6E060AT
Description  Pch -30V -6A Middle Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ6E060AT Datasheet(HTML) 6 Page - Rohm

Back Button RQ6E060AT Datasheet HTML 2Page - Rohm RQ6E060AT Datasheet HTML 3Page - Rohm RQ6E060AT Datasheet HTML 4Page - Rohm RQ6E060AT Datasheet HTML 5Page - Rohm RQ6E060AT Datasheet HTML 6Page - Rohm RQ6E060AT Datasheet HTML 7Page - Rohm RQ6E060AT Datasheet HTML 8Page - Rohm RQ6E060AT Datasheet HTML 9Page - Rohm RQ6E060AT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RQ6E060AT
           
               
Datasheet
l
lElectrical characteristic curves
Fig.8 Typical Transfer Characteristics
Fig.9 Gate Threshold Voltage vs. Junction
 Temperature
Fig.10 Forward Transfer Admittance vs.
Drain Current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
6/11
20160421 - Rev.001


Similar Part No. - RQ6E060AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ6E030AT ROHM-RQ6E030AT Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E035AT ROHM-RQ6E035AT Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E035ATTCR ROHM-RQ6E035ATTCR Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E045BN ROHM-RQ6E045BN Datasheet
2Mb / 15P
   Nch 30V 4.5A Power MOSFET
RQ6E045RP ROHM-RQ6E045RP Datasheet
1Mb / 14P
   Pch -30V -4.5A Small Signal MOSFET
20190527 - Rev.003
More results

Similar Description - RQ6E060AT

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
RQ5C060BC ROHM-RQ5C060BC Datasheet
2Mb / 14P
   Pch -20V -6A Middle Power MOSFET
RQ5E025AT ROHM-RQ5E025AT Datasheet
2Mb / 13P
   Pch -30V -2.5A Middle Power MOSFET
UT6MA2 ROHM-UT6MA2 Datasheet
4Mb / 22P
   30V NchPch Middle Power MOSFET
HP8MA2 ROHM-HP8MA2 Datasheet
4Mb / 22P
   30V NchPch Middle Power MOSFET
RRS050P03FRA ROHM-RRS050P03FRA Datasheet
2Mb / 14P
   Pch -30V -5A Middle Power MOSFET
RQ3E075AT ROHM-RQ3E075AT Datasheet
2Mb / 13P
   Pch -30V -18A Middle Power MOSFET
RF4E060AJ ROHM-RF4E060AJ Datasheet
2Mb / 14P
   Nch 30V 6A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com