Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBZX55C6V2 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HBZX55C6V2
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HBZX55C6V2 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HBZX55C6V2 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HBZX55C6V2 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HBZX55C6V2 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1999.05.01
Revised Date : 1999.09.01
Page No. : 1/3
HSMC Product Specification
HBZX55C Series
ZENER DIODES
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Device
Type
Nominal
Zener
Voltage
Vz at Izt*
(V)
Test
Current
IzT (mA)
ZzT at
IzT
(
Ω)
Zzk at
Izk=1mA
(
Ω)
Typical
Temperature
Coefficient
(%/
°C)
IR
(uA)
Test-Voltage
suffix B (V)
Maximum
Regulator
Current
IzM (mA)
HBZX55C2V4
2.28-2.56
5
85
600
-0.070
50
1.0
150
HBZX55C2V7
2.5-2.9
5
85
600
-0.070
10
1.0
135
HBZX55C3V0
2.8-3.2
5
85
600
-0.070
4
1.0
125
HBZX55C3V3
3.1-3.5
5
85
600
-0.065
2
1.0
115
HBZX55C3V6
3.4-3.8
5
85
600
-0.060
2
1.0
105
HBZX55C3V9
3.7-4.1
5
85
600
-0.050
2
1.0
95
HBZX55C4V3
4.0-4.6
5
75
600
-0.025
1
1.0
90
HBZX55C4V7
4.4-5.0
5
60
600
-0.010
0.5
1.0
85
HBZX55C5V1
4.8-5.4
5
35
550
+0.015
0.1
1.0
80
HBZX55C5V6
5.2-6.0
5
25
450
+0.025
0.1
1.0
70
HBZX55C6V2
5.8-6.6
5
10
200
+0.035
0.1
2.0
64
HBZX55C6V8
6.4-7.2
5
8
150
+0.045
0.1
3.0
58
HBZX55C7V5
7.0-7.9
5
7
50
+0.050
0.1
5.0
53
HBZX55C8V2
7.7-8.7
5
7
50
+0.050
0.1
6.0
47
HBZX55C9V1
8.5-9.6
5
10
50
+0.060
0.1
7.0
43
HBZX55C10
9.4-10.6
5
15
70
+0.070
0.1
7.5
40
HBZX55C11
10.4-11.6
5
20
70
+0.070
0.1
8.5
36
HBZX55C12
11.4-12.7
5
20
90
+0.070
0.1
9.0
32
HBZX55C13
12.4-14.1
5
26
110
+0.070
0.1
10
29
HBZX55C15
13.8-15.6
5
30
110
+0.070
0.1
11
27
HBZX55C16
15.3-17.1
5
40
170
+0.070
0.1
12
24
HBZX55C18
16.8-19.1
5
50
170
+0.070
0.1
14
21
HBZX55C20
18.8-21.2
5
55
220
+0.070
0.1
15
20
HBZX55C22
20.8-23.3
5
55
220
+0.070
0.1
17
18
HBZX55C24
22.8-25.6
5
80
220
+0.080
0.1
18
16
HBZX55C27
25.1-28.9
5
80
220
+0.080
0.1
20
14
HBZX55C30
28-32
5
80
220
+0.080
0.1
22
13
HBZX55C33
31-35
5
80
220
+0.080
0.1
24
12
HBZX55C36
34-38
5
80
220
+0.080
0.1
27
11
HBZX55C39
37-41
2.5
90
500
+0.080
0.1
30
10
HBZX55C43
40-46
2.5
90
600
+0.080
0.1
33
9.2
HBZX55C47
44-50
2.5
110
700
+0.080
0.1
36
8.5
Note : 1.Standard Voltage Tolerance is ±5% and Suffix "A" for
±1%, Suffix "B" for ±2%, Suffix "C" for ±5%, Suffix "D" for ±20%
2.*Measured With Pulses Tp= 20m Sec.


Similar Part No. - HBZX55C6V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HBZ101 VISHAY-HBZ101 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HBZ101BBKR VISHAY-HBZ101BBKR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HBZ102 VISHAY-HBZ102 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HBZ102BBKR VISHAY-HBZ102BBKR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HBZ151 VISHAY-HBZ151 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
More results

Similar Description - HBZX55C6V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com