Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1N400X Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H1N400X
Description  General Purpose Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H1N400X Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H1N400X Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H1N400X Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9101-B
Issued Date : 1996.03.27
Revised Date : 2000.05.01
Page No. : 1/2
HSMC Product Specification
H1N400X Series
General Purpose Rectifiers
Features
• High Reliability
• Low Cost
• Low Leakage
• Low forward voltage drop
• High Current Capability
• Glass Passivated Junction
Maximum Ratings & Electrical Characteristics
Ratings at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60
Hz, resistive or inductive load. For capacitive load. Drate current by 20%.
Ratings
Symbol
4001
4002
4004
4007
Unit
Maximum recurrent peak reverse voltage
VRRM
50
100
400
1000
V
Maximum RMS voltage
VRMS
35
70
280
700
V
Maximum DC blocking voltage
VDC
50
100
400
1000
V
Maximum average forward recitified current
.375”(9.5mm) lead length (Ta=75
°C)
IO
1A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
IFSM
30
A
Typical thermal resistance (Note2)
RθJA
50
°C/W
Typical junction capacitance (Note1)
CJ
30
pF
Operating & storage temperature Tj
Tstg
-50 to +175
°C
Maximum instantaceous forward voltage at
1.0A DC
VF
1.1
V
Maximum DC reverse current at rated DC
blocking voltage @Ta=25
°C
@Ta=100
°C
IR
5
50
uA
Maximum full load reverse current average
full cycle .375”(9.5mm) lead at Tj=75
°C
30
uA
Note 1 : Measured at 1MHz and applied reverse voltage of 4.0 volts.
Note 2 : Thermal resistance from junction to ambient 9.5mm lead length.


Similar Part No. - H1N400X

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H1N5817 HSMC-H1N5817 Datasheet
38Kb / 3P
   1.0AMP.SCHOTTKY BARRIER RECTIFIERS
H1N5818 HSMC-H1N5818 Datasheet
38Kb / 3P
   1.0AMP.SCHOTTKY BARRIER RECTIFIERS
H1N5819 HSMC-H1N5819 Datasheet
38Kb / 3P
   1.0AMP.SCHOTTKY BARRIER RECTIFIERS
H1N5820 HSMC-H1N5820 Datasheet
33Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - H1N400X

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com