Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC528 Datasheet(PDF) 7 Page - Micross Components

Part # HMC528
Description  Point-to-Point and Point-to-Multi-Point Radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC528 Datasheet(HTML) 7 Page - Micross Components

  HMC528 Datasheet HTML 1Page - Micross Components HMC528 Datasheet HTML 2Page - Micross Components HMC528 Datasheet HTML 3Page - Micross Components HMC528 Datasheet HTML 4Page - Micross Components HMC528 Datasheet HTML 5Page - Micross Components HMC528 Datasheet HTML 6Page - Micross Components HMC528 Datasheet HTML 7Page - Micross Components HMC528 Datasheet HTML 8Page - Micross Components HMC528 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3
3 - 115
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
LO Freq. (GHz)
nLO Spur at RF Port
1234
10.5
43
49
58
79
11.5
49
47
61
61
12.5
50
51
63
53
13.5
49
52
67
xx
14.5
50
48
69
xx
15.5
49
54
71
xx
LO = +19 dBm
Values in dBc below input LO level measured at RF Port.
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
-12
7
14
xx
1240
51
59
70
2
79
737479
91
387
102
99
86
97
4xx
84
102
97
105
RF = 13.6 GHz @ -10 dBm
LO = 13.5 GHz @ +19 dBm
Data taken without IF hybrid
All values in dBc below IF power level
Absolute Maximum Ratings
RF / IF Input
+20 dBm
LO Drive
27 dBm
Channel Temperature
150°C
Continuous Pdiss (T=85°C)
(derate 6.9 mW/°C above 85°C)
452 mW
Thermal Resistance (R
TH
)
(junction to die bottom)
150 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 deg °C
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004”
4. BACKSIDE METALIZATION: GOLD
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. CONNECTION NOT REQUIRED FOR
UNLABELED BOND PADS.
8. OVERALL DIE SIZE ±.002”
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC528
GaAs MMIC I/Q MIXER
11 - 16 GHz
v01.0907


Similar Part No. - HMC528

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC528 HITTITE-HMC528 Datasheet
298Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528 Datasheet
236Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528 Datasheet
236Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4 Datasheet
290Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
More results

Similar Description - HMC528

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
HMC362 AD-HMC362 Datasheet
310Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC365 MICROSS-HMC365 Datasheet
839Kb / 9P
   Piont-to-Point and Point-to-Multi-Point Radios
logo
API Technologies Corp
CMWD120 APITECH-CMWD120 Datasheet
114Kb / 1P
   Point to Point Radio Diplexer
CMWD124 APITECH-CMWD124 Datasheet
115Kb / 1P
   Point to Point Radio Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com