Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMB_MLX90316 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # DMB_MLX90316
Description  Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

DMB_MLX90316 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  DMB_MLX90316 Datasheet HTML 1Page - Melexis Microelectronic Systems DMB_MLX90316 Datasheet HTML 2Page - Melexis Microelectronic Systems DMB_MLX90316 Datasheet HTML 3Page - Melexis Microelectronic Systems DMB_MLX90316 Datasheet HTML 4Page - Melexis Microelectronic Systems DMB_MLX90316 Datasheet HTML 5Page - Melexis Microelectronic Systems DMB_MLX90316 Datasheet HTML 6Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MLX90316
Evaluation Board
Demonstration Board
39xx9031601
Page 1 of 6
Apr. 06
Rev 001
Related Products
MLX90316 Tria isTM Rotary Position Sensor
Related Documents
Datasheet MLX90316
Applications Note Back-End Calibration
Applications Note Magnets for MLX90316 Rotary Position Sensor
Applications Note Hall Applications Guide
Related Tools
PTC04 Programmer for Melexis PTC devices
Ordering Information
Part No.
Description
EVB_MLX90316DC
Evaluation Board MLX90316xDC – SOIC-8 Package
EVB_MLX90316GO
Evaluation Board MLX90316xGO – TSSOP-16 Package
DMB_MLX90316
Demonstration Board MLX90316
1. Evaluation Board (EVB_MLX90316DC)
1.1. Description
The EVB_MLX90316DC consists into a Printed Circuit Board (PCB) and Magnetic Knob.
The PCB implements the recommended application diagram from the MLX90316 datasheet. The
MLX90316DC (SOIC-8) is mounted on the board. It also includes an aluminum ring in order to center
the magnetic knob (see below) above the sensitive area of MLX90316. By default, the output transfer
characteristic is programmed to get a 10%Vdd ... 90%Vdd analog output swing for 0 … 360 Degrees
travel (complete revolution).
The magnetic knob features a small SmCo magnet diametrally magnetized D6H2.5 (Diameter = 6 mm
and Height = 2.5 mm).
1.2. Application Diagram
The Pin SCLK and /SS are left floating in order to enable the use of the EVB in Serial Protocol mode. If
this mode is not activated, we recommend shorting those pins to GND through 0 Ohm resistor. It is
mandatory to run EMI test.
If the Serial Protocol mode is activated, the PCB allows the introduction of decoupling capacitor.


Similar Part No. - DMB_MLX90316

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
DMB_MLX90316 MELEXIS-DMB_MLX90316 Datasheet
427Kb / 6P
   Evaluation Board
More results

Similar Description - DMB_MLX90316

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com