Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX73290RLQABA-000RE Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX73290RLQABA-000RE
Description  300 to 960MHz Multi-channel Transceiver With 3DLF Low Power Interface
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX73290RLQABA-000RE Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX73290RLQABA-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX73290RLQABA-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX73290RLQABA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX73290RLQABA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX73290RLQABA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX73290RLQABA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX73290RLQABA-000RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX73290RLQABA-000RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX73290RLQABA-000RE Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
MLX73290-A
300 to 960MHz Multi-channel Transceiver
With 3DLF Low Power Interface
390107329001
Page 8 of 63
Data Sheet
Rev 003
April/2016
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Average current consumption
in scan mode
Iavg
fRCO = 32kHz
Register Tstandby [3:0]
“0000” (3*tRC0)
“0001” (5*tRC0)
“0010” (4*tRC0)
“0011” (8*tRCO)
“0100” (6*tRCO)
“0101” (14*tRCO)
“0110” (10*tRCO)
“0111” (26*tRCO)
“1000” (18*tRCO)
“1001” (50*tRCO)
“1010” (34*tRCO)
“1011” (98*tRCO)
“1100” (66*tRCO)
“1101” (194*tRCO)
“1110” (130*tRCO)
“1111” (OFF)
-
6.1
5.5
5.8
5.0
5.3
4.5
4.8
4.0
4.2
3.7
3.8
3.4
3.6
3.3
3.4
-
-
µ
A
Timings
Listen time
TLISTEN
fRCO = 32kHz
-
156.25
-
µ
s
Standby time in scan mode
TSTANDBY
fRCO = 32kHz
Register Tstandby [3:0]
“0000” (3*tRCO)
“0001” (5*tRCO)
“0010” (4*tRCO)
“0011” (8*tRCO)
“0100” (6*tRCO)
“0101” (14*tRCO)
“0110” (10*tRCO)
“0111” (26*tRCO)
“1000” (18*tRCO)
“1001” (50*tRCO)
“1010” (34*tRCO)
“1011” (98*tRCO)
“1100” (66*tRCO)
“1101” (194*tRCO)
“1110” (130*tRCO)
“1111” (OFF)
-
93.8
156.3
125.0
250.0
187.5
437.5
312.5
812.5
562.5
1562.5
1062.5
3062.5
2062.5
6062.5
4062.5
-
-
µ
s
RSSI
RSSI range input
RRSSI_IN
1
-
1000
mVpp
RSSI range output
RRSSI_OUT
0.
-
0.83
V
Effective Number Of Bit
ENOB
General purpose ADC
-
10
-
bit
RSSI settling time
RRSSI_SET
-
-
500
µs
Battery backup characteristics
External capacitor
RECCAP
-
10
-
µF
Start-up time
RECSTART
with 10uF on Vfield
4
-
40
ms
Load current
RECLOAD
3
5
10
mA
Output voltage
RECVOUT
-
-
3.6
V
Modulator resistance
RON
-
10
25
Table 6: LF characteristics


Similar Part No. - MLX73290RLQABA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX73290-M MELEXIS-MLX73290-M Datasheet
1Mb / 53P
   300 to 960MHz Multi-Channel Transceiver With Flex RF Front-End
More results

Similar Description - MLX73290RLQABA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX73290-M MELEXIS-MLX73290-M Datasheet
1Mb / 53P
   300 to 960MHz Multi-Channel Transceiver With Flex RF Front-End
logo
Maxim Integrated Produc...
MAX41473 MAXIM-MAX41473 Datasheet
1Mb / 58P
   290MHz to 960MHz ASK/FSK Receiver with I2C Interface
2021
logo
Radiometrix Ltd
RMX2 RADIOMETRIX-RMX2_12 Datasheet
467Kb / 12P
   NBFM Direct Interface Multi Channel Transceiver
logo
Maxim Integrated Produc...
MAX41461 MAXIM-MAX41461 Datasheet
614Kb / 39P
   300MHz–960MHz ASK Transmitter with I2C Interface
Rev 1; 3/19
logo
Radiometrix Ltd
RMX2 RADIOMETRIX-RMX2 Datasheet
321Kb / 12P
   Narrow Band Direct Interface Multi Channel Transceiver
logo
Linear Technology
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
   Low Power RS485 Interface Transceiver
logo
Zentrum Mikroelektronik...
ZMD21013 ZMD-ZMD21013 Datasheet
538Kb / 2P
   MUSic Low-Power Multi-Channel Sensor Interface Circuits
logo
Linear Technology
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com