Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3403.0284.11 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3403.0284.11
Description  Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3403.0284.11 Datasheet(HTML) 3 Page - Schurter Inc.

  3403.0284.11 Datasheet HTML 1Page - Schurter Inc. 3403.0284.11 Datasheet HTML 2Page - Schurter Inc. 3403.0284.11 Datasheet HTML 3Page - Schurter Inc. 3403.0284.11 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Non resettable fuses
UMT-H
www.schurter.com /PG01_2
Fuses
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.25 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.16
277
250
1)
1520
410
0.045
l
l
3403.0266.11
0.16
277
250
1)
1520
410
0.045
l
l
3403.0266.23
0.2
277
250
1)
1230
415
0.095
l
l
3403.0267.11
0.2
277
250
1)
1230
415
0.095
l
l
3403.0267.23
0.25
277
250
1)
1000
425
0.17
l
l
3403.0268.11
0.25
277
250
1)
1000
425
0.17
l
l
3403.0268.23
0.315
277
250
1)
805
435
0.265
l
l
3403.0269.11
0.315
277
250
1)
805
435
0.265
l
l
3403.0269.23
0.4
277
250
1)
715
490
0.33
l
l
3403.0270.11
0.4
277
250
1)
715
490
0.33
l
l
3403.0270.23
0.5
277
250
1)
650
590
0.45
l
l
3403.0271.11
0.5
277
250
1)
650
590
0.45
l
l
3403.0271.23
0.63
277
250
1)
540
595
1.1
l
l
3403.0272.11
0.63
277
250
1)
540
595
1.1
l
l
3403.0272.23
0.8
277
250
1)
460
635
2.1
l
l
3403.0273.11
0.8
277
250
1)
460
635
2.1
l
l
3403.0273.23
1
277
250
1)
405
710
3.44
l
l
3403.0274.11
1
277
250
1)
405
710
3.44
l
l
3403.0274.23
1.25
277
250
1)
325
750
3.12
l
l
3403.0275.11
1.25
277
250
1)
325
750
3.12
l
l
3403.0275.23
1.6
277
250
1)
270
785
5.4
l
l
3403.0276.11
1.6
277
250
1)
270
785
5.4
l
l
3403.0276.23
2
277
250
1)
220
795
11.8
l
l
3403.0277.11
2
277
250
1)
220
795
11.8
l
l
3403.0277.23
2.5
277
125
2)
210
980
21
l
l
3403.0278.11
2.5
277
125
2)
210
980
21
l
l
3403.0278.23
3.15
277
125
2)
190
1060
43
l
l
3403.0279.11
3.15
277
125
2)
190
1060
43
l
l
3403.0279.23
4
277
125
2)
140
1070
48
l
l
3403.0280.11
4
277
125
2)
140
1070
48
l
l
3403.0280.23
5
277
125
2)
115
1080
99
l
l
3403.0281.11
5
277
125
2)
115
1080
99
l
l
3403.0281.23
6.3
277
125
2)
100
1160
165
l
l
3403.0282.11
6.3
277
125
2)
100
1160
165
l
l
3403.0282.23
8
250
125
3)
75
1220
125
l
l
3403.0283.11
8
250
125
3)
75
1220
125
l
l
3403.0283.23
10
250
125
3)
73
1320
198
l
l
3403.0284.11
10
250
125
3)
73
1320
198
l
l
3403.0284.23
12.5
250
125
4)
63
1395
344
l
l
3403.0285.11
12.5
250
125
4)
63
1395
344
l
l
3403.0285.11
16
250
125
5)
62
1050
640
l
l
3403.0286.11
16
250
125
5)
62
1050
640
l
l
3403.0286.23
20
250
72
6)
76
1565
445
l
3403.0287.11
20
250
72
6)
76
1656
445
l
3403.0287.23
25
250
72
6)
64
1650
1170
l
3403.0288.11
25
250
72
6)
64
1650
1170
l
3403.0288.23
30
250
72
6)
63
2020
1650
l
3403.0289.11
30
250
72
6)
63
2020
1650
l
3403.0289.23
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) UL = 1500 A @ 277 VAC, resistive / 1500 A @ 250 VDC
1) IEC = 1500 A @ 250 VAC, resistive / 1500 A @ 250 VDC


Similar Part No. - 3403.0284.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3403.0284.11 SCHURTER-3403.0284.11 Datasheet
371Kb / 3P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
More results

Similar Description - 3403.0284.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMT-H SCHURTER-UMT-H_V02 Datasheet
498Kb / 5P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
04.01.2022
UMT-H SCHURTER-UMT-H_18 Datasheet
474Kb / 5P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
UMT-H SCHURTER-UMT-H_15 Datasheet
371Kb / 3P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT SCHURTER-UMT Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com