Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC498 Datasheet(PDF) 8 Page - Micross Components

Part # HMC498
Description  Point-to-Multi-Point Radios
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC498 Datasheet(HTML) 8 Page - Micross Components

  HMC498 Datasheet HTML 1Page - Micross Components HMC498 Datasheet HTML 2Page - Micross Components HMC498 Datasheet HTML 3Page - Micross Components HMC498 Datasheet HTML 4Page - Micross Components HMC498 Datasheet HTML 5Page - Micross Components HMC498 Datasheet HTML 6Page - Micross Components HMC498 Datasheet HTML 7Page - Micross Components HMC498 Datasheet HTML 8Page - Micross Components HMC498 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC498
v03.0713
GaAs pHEMT MMIC
POWER AMPLIFIER, 17 - 24 GHz
Assembly Diagram
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1
RFIN
This pad is AC coupled and matched to 50 Ohms.
2 - 4
Vdd1, Vdd2, Vdd3
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.01 µF are required.
5
RFOUT
This pad is AC coupled and matched to 50 Ohms.
6
Vgg
Gate control for amplifier. Adjust to achieve Idd of 250mA.
Please follow “MMIC Amplifier Biasing Procedure” Appli-
cation Note. External bypass capacitors of 100 pF and 0.01
µF are required.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.


Similar Part No. - HMC498

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC498 HITTITE-HMC498 Datasheet
210Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC498 HITTITE-HMC498 Datasheet
259Kb / 6P
   GaAs pHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
logo
Analog Devices
HMC498 AD-HMC498 Datasheet
352Kb / 6P
   GaAs pHEMT MMIC POWER AMPLIFIER
HMC498 AD-HMC498 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
More results

Similar Description - HMC498

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
   Point-to-Multi-Point Radios
HMC486 MICROSS-HMC486 Datasheet
910Kb / 11P
   Point-to-Multi-Point Radios
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
   Point-to-Multi-Point Radios
HMC590 MICROSS-HMC590 Datasheet
935Kb / 11P
   Point-to-Multi-Point Radios
HMC499 MICROSS-HMC499 Datasheet
909Kb / 9P
   Point-to-Multi-Point Radios
HMC564 MICROSS-HMC564 Datasheet
881Kb / 9P
   Point-to-Multi-Point Radios
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
   Point-to-Multi-Point Radios
logo
Analog Devices
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
   Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
HMC362 AD-HMC362 Datasheet
310Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com