Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC486 Datasheet(PDF) 9 Page - Micross Components

Part # HMC486
Description  Point-to-Multi-Point Radios
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC486 Datasheet(HTML) 9 Page - Micross Components

Back Button HMC486 Datasheet HTML 3Page - Micross Components HMC486 Datasheet HTML 4Page - Micross Components HMC486 Datasheet HTML 5Page - Micross Components HMC486 Datasheet HTML 6Page - Micross Components HMC486 Datasheet HTML 7Page - Micross Components HMC486 Datasheet HTML 8Page - Micross Components HMC486 Datasheet HTML 9Page - Micross Components HMC486 Datasheet HTML 10Page - Micross Components HMC486 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3
3 - 47
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1
RFIN
This pad is AC coupled and matched to 50 Ohms.
2 - 4, 6, 7
Vdd 1-5
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
5
RFOUT
This pad is AC coupled and matched to 50 Ohms.
8Vgg
Gate control for amplifier. Adjust to achieve Idd of 1300 mA.
Please follow “MMIC Amplifier Biasing Procedure”
Application Note. External bypass capacitors of 100 pF and
0.1 μF are required.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
HMC486
v03.0109
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 7 - 9 GHz


Similar Part No. - HMC486

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
HMC486 HITTITE-HMC486 Datasheet
264Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
Analog Devices
HMC486 AD-HMC486 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC486LP5 HITTITE-HMC486LP5 Datasheet
250Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
More results

Similar Description - HMC486

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
   Point-to-Multi-Point Radios
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
   Point-to-Multi-Point Radios
HMC590 MICROSS-HMC590 Datasheet
935Kb / 11P
   Point-to-Multi-Point Radios
HMC498 MICROSS-HMC498 Datasheet
963Kb / 9P
   Point-to-Multi-Point Radios
HMC499 MICROSS-HMC499 Datasheet
909Kb / 9P
   Point-to-Multi-Point Radios
HMC564 MICROSS-HMC564 Datasheet
881Kb / 9P
   Point-to-Multi-Point Radios
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
   Point-to-Multi-Point Radios
logo
Analog Devices
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
   Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
HMC362 AD-HMC362 Datasheet
310Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com