Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3413.0329.22 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3413.0329.22
Description  SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3413.0329.22 Datasheet(HTML) 3 Page - Schurter Inc.

  3413.0329.22 Datasheet HTML 1Page - Schurter Inc. 3413.0329.22 Datasheet HTML 2Page - Schurter Inc. 3413.0329.22 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
UST 1206
www.schurter.com /PG01_2
Fuses
8
32
63
nn
1)
60
6.7
14
l
3413.0327.26
10
32
63
oo
1)
69
5.5
21
l
3413.0328.11
10
32
63
oo
1)
69
5.5
21
l
3413.0328.22
10
32
63
oo
1)
69
5.5
21
l
3413.0328.24
10
32
63
oo
1)
69
5.5
21
l
3413.0328.26
12
32
63
pp
1)
63
3.9
33
l
3413.0329.11
12
32
63
pp
1)
63
3.9
33
l
3413.0329.22
12
32
63
pp
1)
63
3.9
33
l
3413.0329.24
12
32
63
pp
1)
63
3.9
33
l
3413.0329.26
15
32
63
qq
1)
57
3.5
65
l
3413.0330.11
15
32
63
qq
1)
57
3.5
65
l
3413.0330.22
15
32
63
qq
1)
57
3.5
65
l
3413.0330.24
15
32
63
qq
1)
57
3.5
65
l
3413.0330.26
20
32
63
rr
1)
53
2.7
110
l
3413.0331.11
20
32
63
rr
1)
53
2.7
110
l
3413.0331.22
20
32
63
rr
1)
53
2.7
110
l
3413.0331.24
20
32
63
rr
1)
53
2.7
110
l
3413.0331.26
25
32
63
ss
1)
48
2.1
220
l
3413.0332.11
25
32
63
ss
1)
48
2.1
220
l
3413.0332.22
25
32
63
ss
1)
48
2.1
220
l
3413.0332.24
25
32
63
ss
1)
48
2.1
220
l
3413.0332.26
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) UL: 100 A @ 63 VDC, 100 A @ 32 VAC, 150 A @ 24 VAC/DC
1) Additional internal testing: 400 A @ 12 VDC, 600 A @ 9 VDC
Packaging Unit
.xx = .11 Blister Tape of 100 pcs. in Plastic Bag
.xx = .22 Blister Tape 18 cm Reel (1000 pcs.)
.xx = .24 Blister Tape 25.4 cm Reel (5000 pcs.)
.xx = .26 Blister Tape 33 cm Reel (15000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3413.0329.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3413.0002.11 SCHURTER-3413.0002.11 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
3413.0002.22 SCHURTER-3413.0002.22 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
3413.0002.24 SCHURTER-3413.0002.24 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
3413.0002.26 SCHURTER-3413.0002.26 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
More results

Similar Description - 3413.0329.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UST1206 SCHURTER-UST1206_18 Datasheet
310Kb / 4P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206 Datasheet
436Kb / 2P
   SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
USI1206 SCHURTER-USI1206_16 Datasheet
327Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
MSU250 SCHURTER-MSU250 Datasheet
256Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
USI1206 SCHURTER-USI1206_18 Datasheet
365Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USI1206 SCHURTER-USI1206 Datasheet
486Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
MSU250 SCHURTER-MSU250_V01 Datasheet
300Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com