Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX75031RLQB Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX75031RLQB
Description  Optical Gesture & Proximity Sensing IC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75031RLQB Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX75031RLQB Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75031RLQB Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75031RLQB Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75031RLQB Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75031RLQB Datasheet HTML 9Page - Melexis Microelectronic Systems MLX75031RLQB Datasheet HTML 10Page - Melexis Microelectronic Systems MLX75031RLQB Datasheet HTML 11Page - Melexis Microelectronic Systems MLX75031RLQB Datasheet HTML 12Page - Melexis Microelectronic Systems MLX75031RLQB Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
MLX75031
Optical Gesture & Proximity Sensing IC
with Integrated LED Drivers
Datasheet
REVISION 001 – JANUARY, 2013
Page 9 of 9
39010xxxxx
6. General Electrical Specifications
Table 3 : Electrical specifications
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply voltage range
VDD
VCCD and VCCA pin
3.135
3.3
3.465
V
Supply current (active mode)
IDD
I(VCCD)+I(VCCA)
without photodiode DC
current
6
mA
Supply current
(standby mode)
IDD_STBY
I(VCCD)+I(VCCA)
350
uA
Supply current (sleep mode)
IDD_SLP
I(VCCD)+I(VCCA)
without SPI
communication
30
uA
Battery supply voltage range
VSUP
VSUP pin
6
18
V
Battery supply current
(active mode)
IVSUP
I(VSUP) with
Active Light pulses
I(VSUP) without
Active Light pulses
0
0
155
0.1
mA
mA
Battery supply current
(standby mode)
IVSUP_STBY
I(VSUP)
0
10
uA
Battery supply current
(sleep mode)
IVSUP_SLP
I(VSUP)
0
10
uA
Operation Temperature
TA
-40
105
°C


Similar Part No. - MLX75031RLQB

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX75030 MELEXIS-MLX75030 Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
MLX75030CLQAAA-000RE MELEXIS-MLX75030CLQAAA-000RE Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
MLX75030CLQAAA-000TU MELEXIS-MLX75030CLQAAA-000TU Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
MLX75030RLQAAA-000RE MELEXIS-MLX75030RLQAAA-000RE Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
MLX75030RLQAAA-000TU MELEXIS-MLX75030RLQAAA-000TU Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
More results

Similar Description - MLX75031RLQB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN498 SILABS-AN498 Datasheet
2Mb / 58P
   Infrared Gesture Sensing
AN580 SILABS-AN580 Datasheet
1Mb / 10P
   INFRARED GESTURE SENSING
logo
Sharp Corporation
GP2AP054A00F SHARP-GP2AP054A00F Datasheet
820Kb / 25P
   GP2AP054A00F is ambient light sensor and gesture sens or/proximity sensor with function ambient light sensing and gesture sensing proximity sensing by setting register.
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
   Imaging-Based Proximity and Gesture Sensor
logo
Analog Devices
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
   Photometric Sensor for Gesture and Proximity
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9700 AVAGO-APDS-9700 Datasheet
175Kb / 11P
   Signal Conditioning IC for Optical Proximity Sensors
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
   HALIOS Controller for Proximity and Gesture Recognition
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com