Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX75031 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX75031
Description  Optical Gesture & Proximity Sensing IC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75031 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX75031 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75031 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Features & Benefits
Two independent Active Light measurement
channels for proximity sensing and/or gesture
recognition
Integrated DC light cancellation circuitry
Two logarithmic ambient light channels with
two different sensitivities
Minimum amount of external components
Stand-by and sleep modes for low power
consumption
Integrated LED drivers
Integrated battery voltage monitor
Integrated LED temperature sensing circuitry
Integrated 16bit ADC for high resolution A2D
conversion
Integrated temperature sensor
Integrated watchdog timer
Easy digital communication interface via SPI
High input capacitance tolerant input current
terminals
High safety design by several diagnostic and
monitoring functions
Applications
Robust Proximity Sensing
Smart Touch Displays & Panels
Simple Gesture Detection
Driver-Passenger Discrimination
Ambient Light Sensing & Display Dimming
Functional Diagram
Ordering Information
Product Code
Temperature Code
Package Code
Option Code
MLX75031
R (-40°C to 105°C)
LQ (QFN24 4x4)
B
MLX75031
C (0°C to 70°C)
LQ (QFN24 4x4)
B
General Description
The MLX75031 Optical Gesture & Proximity Sensing IC actively controls up to 2 independent Active Light
measurement channels. Each channel consists out of one or multiple LEDs, of any type, combined with
one or more photodiodes, of any type. Additional Active Light channels can be added through
multiplexing. Integrated DC light suppression makes the sensors highly tolerant to background light
interference. Primary function is complemented with two integrated ambient light channels. Internal
control logic, configurable user registers and SPI communication enable intuitive & programmable
operation. Extra features include a watchdog timer, on-board temperature sensor and self-diagnostics are
built-in to facilitate robust product design.
The digital output from the Active Light and ambient light channels can be used for proximity and ambient
light detection. Gestures such as swipe, zoom, scroll can be recognized by software algorithms that can
run on the customer’s microcontroller. Reliable communication is assured via an SPI interface.


Similar Part No. - MLX75031

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX75030 MELEXIS-MLX75030 Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
MLX75030CLQAAA-000RE MELEXIS-MLX75030CLQAAA-000RE Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
MLX75030CLQAAA-000TU MELEXIS-MLX75030CLQAAA-000TU Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
MLX75030RLQAAA-000RE MELEXIS-MLX75030RLQAAA-000RE Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
MLX75030RLQAAA-000TU MELEXIS-MLX75030RLQAAA-000TU Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
More results

Similar Description - MLX75031

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN498 SILABS-AN498 Datasheet
2Mb / 58P
   Infrared Gesture Sensing
AN580 SILABS-AN580 Datasheet
1Mb / 10P
   INFRARED GESTURE SENSING
logo
Sharp Corporation
GP2AP054A00F SHARP-GP2AP054A00F Datasheet
820Kb / 25P
   GP2AP054A00F is ambient light sensor and gesture sens or/proximity sensor with function ambient light sensing and gesture sensing proximity sensing by setting register.
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
   Imaging-Based Proximity and Gesture Sensor
logo
Analog Devices
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
   Photometric Sensor for Gesture and Proximity
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9700 AVAGO-APDS-9700 Datasheet
175Kb / 11P
   Signal Conditioning IC for Optical Proximity Sensors
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
   HALIOS Controller for Proximity and Gesture Recognition
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com