Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3405.0172.24 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3405.0172.24
Description  Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3405.0172.24 Datasheet(HTML) 2 Page - Schurter Inc.

  3405.0172.24 Datasheet HTML 1Page - Schurter Inc. 3405.0172.24 Datasheet HTML 2Page - Schurter Inc. 3405.0172.24 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
UMF 250
www.schurter.com /PG01_2
Fuses
Derating Curves
140
130
120
110
100
90
80
70
60
50
40
-60
-40
-20
0
20
40
60
80
100 120 140 160
23
Ambient Temperature [°C]
Pre-Arcing Time
Rated Current In
1.0 x In min.
1.25 x In min. 2.0 x In max. 10.0 x In min. 10.0 x In max.
0.5 A - 8 A
-
60 min
120 s
1 ms
10 ms
10 A
4 h
-
120 s
1 ms
10 ms
Time-Current-Curves
1
10
0.1
0.0001
0.001
0.01
100
1000
10000
0.1
10
1
100
500 mA
630 mA
800 mA
1 A
1.25 A
1.6 A
2 A
2.5 A
3.15 A
4 A
5 A
6.3 A
8 A
10 A
Current in Amperes


Similar Part No. - 3405.0172.24

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3405.0163.11 SCHURTER-3405.0163.11 Datasheet
376Kb / 4P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
04.01.2022
3405.0163.24 SCHURTER-3405.0163.24 Datasheet
376Kb / 4P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
04.01.2022
3405.0164.11 SCHURTER-3405.0164.11 Datasheet
376Kb / 4P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
04.01.2022
3405.0164.24 SCHURTER-3405.0164.24 Datasheet
376Kb / 4P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
04.01.2022
3405.0165.11 SCHURTER-3405.0165.11 Datasheet
376Kb / 4P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
04.01.2022
More results

Similar Description - 3405.0172.24

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMF250 SCHURTER-UMF250_V01 Datasheet
376Kb / 4P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
04.01.2022
UMF250 SCHURTER-UMF250_18 Datasheet
357Kb / 4P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
UMF250 SCHURTER-UMF250_13 Datasheet
615Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Quick-Acting F, 250 VAC, 125 VDC
MKF SCHURTER-MKF_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172876 SCHURTER-172876 Datasheet
415Kb / 2P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MKF SCHURTER-MKF Datasheet
400Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125 Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_V01 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_16 Datasheet
296Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com