Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3413.0213.11 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3413.0213.11
Description  Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3413.0213.11 Datasheet(HTML) 2 Page - Schurter Inc.

  3413.0213.11 Datasheet HTML 1Page - Schurter Inc. 3413.0213.11 Datasheet HTML 2Page - Schurter Inc. 3413.0213.11 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
USI 1206
www.schurter.com /PG01_2
Fuses
Reflow soldering pads
1.5
1.1
Wave soldering pads
2
1.6
Pre-Arcing Time
Rated Current In
1.25 x In min
2.0 x In max
10.0 x In min 10.0 x In max
0.5 A - 6.3 A
60 min
120 s
1 ms
10 ms
Time-Current-Curves
0.1
0.0001
0.001
0.01
1
10
100
1000
10000
0.1
10
1
100
800 mA
630 mA
1 A
1.25 A
1.6 A
2 A
2.5 A
3.15 A
4 A
5 A
6.3 A
500 mA
Current in Amperes
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Marking Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.5
32
63
e
1)
600
201
330
0.041
l
l
3413.0213.11
0.5
32
63
e
1)
600
201
330
0.041
l
l
3413.0213.22
0.5
32
63
e
1)
600
201
330
0.041
l
l
3413.0213.24
0.5
32
63
e
1)
600
201
330
0.041
l
l
3413.0213.26
0.63
32
63
f
1)
500
170
230
0.076
l
l
3413.0214.11
0.63
32
63
f
1)
500
170
230
0.076
l
l
3413.0214.22
0.63
32
63
f
1)
500
170
230
0.076
l
l
3413.0214.24


Similar Part No. - 3413.0213.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3413.0213.xx SCHURTER-3413.0213.xx Datasheet
486Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
More results

Similar Description - 3413.0213.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USI1206 SCHURTER-USI1206_18 Datasheet
365Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USI1206 SCHURTER-USI1206 Datasheet
486Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_18 Datasheet
292Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_V02 Datasheet
333Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
04.01.2022
USF0603 SCHURTER-USF0603_16 Datasheet
256Kb / 3P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com