Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3403.0269.11 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3403.0269.11
Description  Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3403.0269.11 Datasheet(HTML) 2 Page - Schurter Inc.

  3403.0269.11 Datasheet HTML 1Page - Schurter Inc. 3403.0269.11 Datasheet HTML 2Page - Schurter Inc. 3403.0269.11 Datasheet HTML 3Page - Schurter Inc. 3403.0269.11 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Non resettable fuses
UMT-H
www.schurter.com /PG01_2
Fuses
Derating Curves
160
140
120
100
80
60
40
20
-60
-40 -20
0
20
40
60
80
100 120 140
Ambient Temperature [°C]
Pre-Arcing Time
Rated Current In
1.0 x In min.
1.25 x In min. 2.0 x In max.
2.5 x In max. 10.0 x In min. 10.0 x In max.
0.160 A - 12.5 A
-
60 min
120 s
-
10 ms
100 ms
16 A
4 h
-
120 s
-
10 ms
100 ms
20 A - 30 A
4 h
-
-
120 s
5 ms
100 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In


Similar Part No. - 3403.0269.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3403.0269.11 SCHURTER-3403.0269.11 Datasheet
371Kb / 3P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
More results

Similar Description - 3403.0269.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMT-H SCHURTER-UMT-H_V02 Datasheet
498Kb / 5P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
04.01.2022
UMT-H SCHURTER-UMT-H_18 Datasheet
474Kb / 5P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
UMT-H SCHURTER-UMT-H_15 Datasheet
371Kb / 3P
   Surface Mount Fuse, 5.3 x 16 mm, Time-Lag T, 277 VAC / 250 VDC, Breaking Capacity 1500 A
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT SCHURTER-UMT Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com