Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3404.2405.11 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3404.2405.11
Description  Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.2405.11 Datasheet(HTML) 3 Page - Schurter Inc.

  3404.2405.11 Datasheet HTML 1Page - Schurter Inc. 3404.2405.11 Datasheet HTML 2Page - Schurter Inc. 3404.2405.11 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
UMZ 250
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.25 In
max [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
1
250
125
1)
300
174
500
2.8
l
l
3404.2416.22
1.25
250
125
1)
300
140
1000
4.5
l
l
3404.2417.11
1.25
250
125
1)
300
140
1000
4.5
l
l
3404.2417.22
1.6
250
125
1)
300
130
1000
6.9
l
l
3404.2418.11
1.6
250
125
1)
300
130
1000
6.9
l
l
3404.2418.22
2
250
125
1)
300
103
1000
7.3
l
l
3404.2419.11
2
250
125
1)
300
103
1000
7.3
l
l
3404.2419.22
2.5
250
125
1)
300
90
1200
7.5
l
l
3404.2420.11
2.5
250
125
1)
300
90
1200
7.5
l
l
3404.2420.22
3.15
250
125
1)
300
95
1500
14
l
l
3404.2421.11
3.15
250
125
1)
300
95
1500
14
l
l
3404.2421.22
4
250
125
1)
300
83
2000
26
l
l
3404.2422.11
4
250
125
1)
300
83
2000
26
l
l
3404.2422.22
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) IEC: 200 A @ 250 VAC, p.f.
≥ 0.95 / 100 A @ 125 VDC
1) UL: 200 A @ 277 VAC / 100 A @ 125 VDC / 35 A @ 250 VDC / 200 A @ 63 VAC/DC
2) UL: 200 A @ 277 VAC / 100 A @ 125 VDC / 35 A @ 250 VDC / 200 A @ 63 VAC/DC
Approval Overview
UMT 250 -> Fuse with tin-plated caps, Approval Status: VDE, UL LISTED, cURus, Free of CCC, PSE JET, KTL
UMT 250 (Au) -> Fuse with gold-plated caps, Approval Status: VDE Mark and cURus
UMC 250 -> Clip, Approval Status: VDE UG Mark and cURus
UMZ 250 = UMT 250 (Au) + UMC 250
There is no approval existing for the combination fuse and clip UMZ 250, but the fuse and the clip are fully approved independently at VDE/UL. See
details above.
In the reflow soldering process, the fuse must have gold-plated caps, otherwise fuse and clip would be soldered together. For fuse replacement in the
field, a standard UMT 250 fuse with tin-plated caps can be used. This is not allowed for the 80 mA version. This must be replaced with an original UMZ
with gold caps.
It is not allowed to replace higher rated current than 4 A in the clip.
Packaging Unit
.xx = .11 Blister Tape of 100 pcs. in Plastic Bag
.xx = .22 Blister Tape 33 cm Reel (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3404.2405.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.2411.xx SCHURTER-3404.2411.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2412.xx SCHURTER-3404.2412.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2413.xx SCHURTER-3404.2413.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2414.xx SCHURTER-3404.2414.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2415.xx SCHURTER-3404.2415.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
More results

Similar Description - 3404.2405.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMZ250 SCHURTER-UMZ250_18 Datasheet
329Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
UMZ250 SCHURTER-UMZ250_V02 Datasheet
340Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
04.01.2022
UMZ SCHURTER-UMZ Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
FUSEKITUMT250 SCHURTER-FUSEKITUMT250 Datasheet
229Kb / 2P
   Fuse Kit Surface Mount Fuse UMT 250 / UMZ 250
04.01.2022
UMK250 SCHURTER-UMK250_V02 Datasheet
347Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
04.01.2022
UMK250 SCHURTER-UMK250_16 Datasheet
303Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
OMT SCHURTER-OMT Datasheet
426Kb / 2P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
SMD-SPT SCHURTER-SMD-SPT Datasheet
439Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
SMD-FST SCHURTER-SMD-FST Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
SMD-SPT SCHURTER-SMD-SPT_18 Datasheet
297Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com