Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX80051 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX80051
Description  LIN System Basis ICs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80051 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX80051 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX80051 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX80051 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX80051 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX80051 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX80051 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX80051 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX80051 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX80051 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
MLX80050/51/30/31
LIN System Basis ICs
Datasheet
MLX80050/51/30/31 – Datasheet
Page 7
3901080050
Jun 2016
011
Voltage Regulator Pin VCC
MLX80050, MLX80051 (RTG connected to VCC)
3.01
Output voltage VCC
VCCn5
6V
 VS  18V
1mA
 ILOAD  70mA
TA = 25°C
TA = -40°C to 125°C
4.90
4.85
5.0
5.10
5.15
V
A
Output voltage VCC under
disturbances functional state A
VCCndis5
6V
 VS  18V, TA = 25°C
RLOAD = 330
4.75
5.25
V
C
3.02
Drop-out voltage [2]
VD10_5
VS
 4V , IVCC = 10mA
75
120
mV
C
3.03
VD30_5
VS
 4V , IVCC = 30mA
220
350
mV
C
3.04
VD70_5
VS
 4V , IVCC = 70mA
500
800
mV
C
3.05
Line regulation
VLNR5
6V
 VS  18V, IVCC = 30mA
6V
 VS  18V, IVCC = 70mA
20
100
mV
A
3.06
Load regulation
VLDR10_5
1 mA < ILOAD < 10 mA
50
mV
A
3.07
VLDR30_5
1 mA < ILOAD < 30 mA
90
mV
A
3.08
VLDR70_5
1 mA < ILOAD < 70 mA
150
mV
A
3.09
Output current limitation [3]
IVCCLIM_5
VS > 6V
TA = -40 °C
25 °C
 TA  125 °C
-135
-150
-110
-75
-80
mA
A
3.10
Load capacity
CLOAD
2.2
22
F
D
MLX80030, MLX80031 (RTG connected to VCC)
3.01
Output voltage VCC
VCCn3
4 V
 VS  18 V
1m A
 ILOAD  70 mA
TA = 25 °C
TA = -40 °C to 125 °C
3.234
3.201
3.3
3.366
3.399
V
A
Output voltage VCC under
disturbances functional state A
VCCndis3
6 V
 VS  18 V, TA = 25 °C
RLOAD = 330
3.135
3.465
V
C
3.02
Drop-out voltage [2]
VD10_3
VS
 3 V , IVCC = 10 mA
100
mV
C
3.03
VD30_3
VS
 3 V , IVCC = 30 mA
300
mV
C
3.04
VD70_3
VS
 3 V , IVCC = 70 mA
700
mV
C
3.05
Line regulation
VLNR_3
5 V
 VS  18 V, IVCC = 30mA
5V
 VS  18V, IVCC = 70mA
20
100
mV
A
3.06
Load regulation
VLDR10_3
1 mA < ILOAD < 10 mA
50
mV
A
3.07
VLDR30_3
1 mA < ILOAD < 30 mA
90
mV
A
3.08
VLDR70_3
1 mA < ILOAD < 70 mA
150
mV
A
3.09
Output current limitation [3]
IVCCLIM_3
VS > 4 V
TA = -40 °C
25 °C
 TA  125 °C
-135
-150
-110
-75
-80
mA
A
3.10
Load capacity
CLOAD
2.2
22
F
D


Similar Part No. - MLX80051

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80051 MELEXIS-MLX80051 Datasheet
875Kb / 46P
   LIN System Basis ICs
More results

Similar Description - MLX80051

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80050 MELEXIS-MLX80050_14 Datasheet
875Kb / 46P
   LIN System Basis ICs
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com