Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX80031KLW-CAA-000-RE Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX80031KLW-CAA-000-RE
Description  LIN System Basis ICs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80031KLW-CAA-000-RE Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX80031KLW-CAA-000-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX80031KLW-CAA-000-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX80031KLW-CAA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX80031KLW-CAA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX80031KLW-CAA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX80031KLW-CAA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX80031KLW-CAA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX80031KLW-CAA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX80031KLW-CAA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
MLX80050/51/30/31
LIN System Basis ICs
Datasheet
MLX80050/51/30/31 – Datasheet
Page 5
3901080050
Jun 2016
011
3. Electrical Specification
All voltages are referenced to ground (GND), positive currents flow into the IC.
Absolute Maximum Ratings
Table 1: Absolute maximum ratings
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage at VS
VS
Respective to GND
-0.3
40
V
Transient voltage ISO 7637/2
pulse 1, 2
-100
100
V
Transient voltage ISO 7637/2
pulse 3A; 3B, coupling 1nF
-150
100
V
DC voltage LIN
VLIN_DC
Respective to GND and VS
Loss of Ground (VGND = VS)
-20
-30
40
40
V
DC voltage WAKE
VWAKE_DC
Respective to GND and VS
Loss of Ground (VGND = VS)
-20
-30
40
40
V
DC voltage INH
VINH_DC
-0.3
VS+0.3
V
DC voltage VCC
VVCC_DC
-0.3
7
V
DC voltage RTG
VRTG_DC
-0.3
7
V
Input voltage at low voltage I/O’s (EN, TxD, RxD,
NRES, WDI, RBWD, MODE)
VIN
-0.3
7
V
ESD voltage
VESDIEC
IEC 61000-4-2, direct ESD
Pin LIN with LIN cap 220pF
Pin VS to GND
20
15
kV
VESDIECind
IEC 61000-4-2, indirect ESD
Pin LIN with LIN cap 220pF
15
kV
VESDHBM
HBM (CDF-AEC-Q100-002)
Pin LIN
Pin WAKE, KL15, VS
Other pins
±6
±4
±2
kV
kV
kV
VESDCDM
CDM (AEC-Q100-011)
±500
V
Power dissipation
P0
Internal limited, see
also chapter 9.1
Thermal resistance from junction to ambient
RTHJA_SOIC8
JEDEC 1s0p board, no air
flow
150
K/W
RTHJA_QFN20
JEDEC 1s0p board, no air
flow
50
K/W
Junction temperature
TJ
-40
150
°C
Storage temperature
TSTG
-55
150
°C


Similar Part No. - MLX80031KLW-CAA-000-RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80031 MELEXIS-MLX80031 Datasheet
875Kb / 46P
   LIN System Basis ICs
More results

Similar Description - MLX80031KLW-CAA-000-RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80050 MELEXIS-MLX80050_14 Datasheet
875Kb / 46P
   LIN System Basis ICs
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com