Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.4243 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0034.4243
Description  Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.4243 Datasheet(HTML) 3 Page - Schurter Inc.

  0034.4243 Datasheet HTML 1Page - Schurter Inc. 0034.4243 Datasheet HTML 2Page - Schurter Inc. 0034.4243 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
MSF 125
www.schurter.com/PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
S L T Order Number
0.16
125
125
1)
1000
850
100
0.0036
l
l
0034.4241
0.2
125
125
1)
700
680
100
0.0033
l
l
0034.4242
0.25
125
125
1)
700
620
100
0.0055
l
l
0034.4243
0.315
125
125
1)
700
680
200
0.025
l
l
0034.4244
0.4
125
125
1)
400
180
100
0.013
l
l
0034.4245
0.5
125
125
1)
400
180
100
0.02
l
l
0034.4246
0.63
125
125
1)
400
180
100
0.045
l
l
0034.4247
0.71
125
125
1)
400
140
100
0.045
l
l
0034.4248
0.75
125
125
1)
400
170
100
0.02
l
l
0034.4249
0.8
125
125
1)
400
150
100
0.04
l
l
0034.4250
1
125
125
1)
400
150
100
0.07
l
l
0034.4251
1.25
125
125
1)
190
150
200
0.12
l
l
0034.4252
1.6
125
125
1)
190
150
200
0.29
l
l
0034.4253
2
125
125
1)
190
130
200
0.43
l
l
0034.4254
2.5
125
125
1)
190
120
300
0.6
l
l
0034.4255
3.15
125
125
1)
190
120
400
1.1
l
l
0034.4256
4
125
125
1)
190
120
500
1.9
l
l
0034.4257
5
125
125
1)
190
120
600
3
l
l
0034.4258
0.1
125
125
1)
1000
690
100
0.0007
l
l
0034.4539
0.125
125
125
1)
1000
960
100
0.0015
l
l
0034.4540
0.16
125
125
1)
1000
850
100
0.0036
l
l
0034.4541
0.2
125
125
1)
700
680
100
0.0033
l
l
0034.4542
0.25
125
125
1)
700
620
100
0.0055
l
l
0034.4543
0.315
125
125
1)
700
680
200
0.025
l
l
0034.4544
0.4
125
125
1)
400
180
100
0.013
l
l
0034.4545
0.5
125
125
1)
400
180
100
0.02
l
l
0034.4546
0.63
125
125
1)
400
180
100
0.045
l
l
0034.4547
0.71
125
125
1)
400
140
100
0.045
l
l
0034.4548
0.75
125
125
1)
400
170
100
0.02
l
l
0034.4549
0.8
125
125
1)
400
150
100
0.04
l
l
0034.4550
1
125
125
1)
400
150
100
0.07
l
l
0034.4551
1.25
125
125
1)
190
150
200
0.12
l
l
0034.4552
1.6
125
125
1)
190
150
200
0.29
l
l
0034.4553
2
125
125
1)
190
130
200
0.43
l
l
0034.4554
2.5
125
125
1)
190
120
300
0.6
l
l
0034.4555
3.15
125
125
1)
190
120
400
1.1
l
l
0034.4556
4
125
125
1)
190
120
500
1.9
l
l
0034.4557
5
125
125
1)
190
120
600
3
l
l
0034.4558
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) 100 A @ 125 VAC/DC
Packaging Unit
S =
Plastic Bag (100 pcs.)
L =
Bulk (100 pcs.)
T =
Taped 36 cm Reel (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 0034.4243

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.4243 SCHURTER-0034.4243 Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results

Similar Description - 0034.4243

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_V02 Datasheet
306Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172321 SCHURTER-172321_V01 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
172322 SCHURTER-172322_V01 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172322 SCHURTER-172322_V02 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172321 SCHURTER-172321 Datasheet
373Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_18 Datasheet
360Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_16 Datasheet
379Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V02 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com