Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2070.0016.11 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 2070.0016.11
Description  Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2070.0016.11 Datasheet(HTML) 1 Page - Schurter Inc.

  2070.0016.11 Datasheet HTML 1Page - Schurter Inc. 2070.0016.11 Datasheet HTML 2Page - Schurter Inc. 2070.0016.11 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Telecom Fuses
OSU 250
www.schurter.com /PG01_3
Fuses
Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
IEC 60127-4 · 250VAC · 250VDC · Quick-Acting F
Description
- Directly solderable on printed circuit boards
Standards
- IEC 60127-4/2
- UL 248-14
- CSA C22.2 no. 248.14
- Telcordia GR-1089
- UL 60950 / IEC 60950
- ITU-T K.20 and K.21
- TIA-968-A
Approvals
- VDE Certificate Number: 106328
- UL File Number: E41599
Applications
- xDSL and ADSL linecards and modems
References
Packaging Details
Last order date: 31.12.2016
We recommend for new applications the type OMF 250
OMF 250 is fully compatible to OSU 250
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
250 VAC, 250 VDC
Rated current
0.25 - 3.15 A
Breaking Capacity
100 A
Characteristic
Quick-Acting F
Mounting
PCB,SMT
Admissible Ambient Air Temp. -40 °C to 125 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Housing
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Copper Alloy
Unit Weight
0.36 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Characteristic,
Breaking Capacity, Approvals
Soldering Methods
Reflow, Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-58,
Test Td
Current Carrying Capacity
acc. to EIA/IS-722, Test 4.3.3
Load Humidity Test
MIL-STD-202, Method 103B
0.1 x In @ 0.85 r.H. @ 85°C
Moisture Resistance Test
MIL-STD-202, Method 106E
(50 cycles in a temp./mister chamber)
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Thermal Shock
MIL-STD-202, Method 107D
(200 air-to-air cycles from -55 to
+125°C)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Mechanical Shock
MIL-STD-202, Method 213B
(Shock 50g, half sine wave, 11 ms)
Vibration, High Frequency
MIL-STD-202, Method 204D
Shock 20 gn, 20 min, 10-2 kHz, 12 cyc.
Resistance to Solvents
MIL-STD-202, Method 215A
Flammability
min. UL 94V-1
(acc. to EIA/IS-722, Test 4.12)


Similar Part No. - 2070.0016.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2070.0016.xx SCHURTER-2070.0016.xx Datasheet
451Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
More results

Similar Description - 2070.0016.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OSU250 SCHURTER-OSU250_V01 Datasheet
249Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
OSU250 SCHURTER-OSU250 Datasheet
451Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
OMF250 SCHURTER-OMF250_16 Datasheet
250Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
OMF250 SCHURTER-OMF250_18 Datasheet
287Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
OMF250 SCHURTER-OMF250_V01 Datasheet
299Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
04.01.2022
OSU125 SCHURTER-OSU125_V01 Datasheet
216Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, Telecom
OSU125 SCHURTER-OSU125 Datasheet
401Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, Telecom
OMF250 SCHURTER-OMF250 Datasheet
495Kb / 3P
   3Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com