Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90288KDCCAA-000TU Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX90288KDCCAA-000TU
Description  SMD Programmable Linear Hall Sensor IC Featuring Analog Ratiometric Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90288KDCCAA-000TU Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90288KDCCAA-000TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90288KDCCAA-000TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90288KDCCAA-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90288KDCCAA-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90288KDCCAA-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90288KDCCAA-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90288KDCCAA-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90288KDCCAA-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90288KDCCAA-000TU Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MLX90288
SMD Programmable Linear Hall Sensor IC
Featuring Analog Ratiometric Output
3901090288
Page 6 of 19
Rev 002
May/12
5.5 Accuracy Specification
Operating parameter valid for TA = – 40°C to + 150°C & VDD = + 4.5V to + 5.5V (unless specified otherwise).
Item
Symbol
Remark
Min
Typ
Max
Unit
Output DAC Resolution
LSBDAC
12 bits
0.0244
%VDD
Output DAC Linearity
DNLDAC
– 1
+ 1
LSBDAC
INLDAC
– 2
+ 2
LSBDAC
Ratiometric Error
(1)
OUTratiom
with TEMPTC=0
– 0.1
+ 0.1
%VDD
with TEMPTC=128
– 0.2
+ 0.2
%VDD
Output Noise
(2)
OUTnoise
RG = 4, FG = 800
FILTCODE = 4
0.12
0.18
mVRMS
RG = 7, FG = 800
FILTCODE = 4
0.13
0.2
mVRMS
RG = 4, FG = 4095
FILTCODE = 4
0.75
1.1
mVRMS
RG = 7, FG = 4095
FILTCODE = 4
1
1.5
mVRMS
Thermal Output Quiescent
(Offset) Drift
T V
OQ
RG = 4
– 10
+ 10
LSBDAC
RG = 5
– 10
+ 10
LSBDAC
RG = 6
– 15
+ 15
LSBDAC
RG = 7
– 20
+ 20
LSBDAC
Thermal Sensitivity Drift
(3)
T S
No magnet TC
– 150
0
+ 150
ppm/°C
Using 1
st and 2nd
order magnet TC
– 200
0
+ 200
ppm/°C
Sensitivity Thermal
Hysteresis
H S
After full thermal
excursion
– 0.5
± 0.2
+ 0.5
%
Table 5: Accuracy Specification
(1) Ratiometric performance of the IC is measured as a difference in output voltage (expressed as
%VDD) between the nominal case with VDD = 5V and the limits of the supply ratiometric operating
range (4.5V and 5.5V). The difference between TEMPTC = 0 (or TEMPSENSOR disabled altogether)
and TEMPTC = 128 originates in the fact that the on-chip temperature is also a function of the supply
voltage. Since the TEMPTC changes the gain of the IC to compensate for the magnet TC, and it
relies on the fact that the on-chip temperature is the same as the magnet temperature, an extra error
occurs compared to TEMPTC = 0 case.
(2) The noise measurements are performed on the recommended application diagram depicted under
Section 10, with a supply voltage of 5V at room temperature. Increased capacitance values
compared to the recommended application diagram, contribute to lower output noise. For peak-to-
peak values, the RMS value is typically multiplied by a factor of 6.
(3) The Sensitivity Thermal Drift is within these boundaries for all ICs with the default setting for gain
compensation i.e. fixed to 1, which is obtained by setting TEMPTC to 0, but leaving the
TEMPSENSOR bit set (see Section 7). If the value is not fixed to 1, the sensitivity of the IC will
exhibit a sensitivity thermal drift curve such as the one shown in Figure 3 (if SECONDORDERTC is
set) or with a linear temperature coefficient (if SECONDORDERTC is cleared) depending on the
setting of TEMPTC, but ±150ppm/°C. The total system sensitivity drift is specified as ±200ppm/°C to
cover resolution errors and non-linearities.


Similar Part No. - MLX90288KDCCAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
MLX90283ELD MELEXIS-MLX90283ELD Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285LDCAAA-000RE MELEXIS-MLX90285LDCAAA-000RE Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
More results

Similar Description - MLX90288KDCCAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90291 MELEXIS-MLX90291 Datasheet
336Kb / 18P
   SMD Programmable Linear Hall Sensor IC Featuring PWM Output
logo
Infineon Technologies A...
TLE4997A8 INFINEON-TLE4997A8 Datasheet
1Mb / 22P
   Integration of two individual programmable Linear Hall sensor IC?셲 with ratiometric analog output signal.
Revision 1.1, 2018-01
logo
Melexis Microelectronic...
MLX90292 MELEXIS-MLX90292 Datasheet
1Mb / 27P
   SMD Programmable Linear Hall Sensor IC
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Infineon Technologies A...
TLE4990 INFINEON-TLE4990 Datasheet
699Kb / 24P
   Programmable Linear Output Hall Sensor
V 2.0, 2004-05
TLE4990 INFINEON-TLE4990_05 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com