Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3404.0110.22 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 3404.0110.22
Description  Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.0110.22 Datasheet(HTML) 1 Page - Schurter Inc.

  3404.0110.22 Datasheet HTML 1Page - Schurter Inc. 3404.0110.22 Datasheet HTML 2Page - Schurter Inc. 3404.0110.22 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Non resettable fuses
OMT 125
www.schurter.com /PG01_2
Fuses
Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
Exemplary part photo depending on
part no.
UL 248-14 · 125VAC · 125VDC · Time-Lag T
Description
- Directly solderable on printed circuit boards
Standards
- UL 248-14
- CSA C22.2 no. 248.14
Approvals
- UL File Number: E41599
References
Packaging Details
Corresponding Fuseholder OMH 125
Assembled Fuseholder OMZ 125
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
125 VAC, 125 VDC
Rated current
0.25 - 6.3 A
Breaking Capacity
100 A
Characteristic
Time-Lag T
Mounting
PCB,SMT
Admissible Ambient Air Temp. -40 °C to +85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Housing
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Copper Alloy
Unit Weight
0.01 g
Storage Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Approvals
Soldering Methods
Reflow, Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat
260 +0/-5 °C / 40 sec acc. to IPC/JE-
DEC J-STD-020D, Level 1
Moisture Resistance Test
MIL-STD-202, Method 106E
(50 cycles in a temp./mister chamber)
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Mechanical Shock
MIL-STD-202, Method 213B
(Shock 50g, half sine wave, 11 ms)
Resistance to Solvents
MIL-STD-202, Method 215A
Dimension
7.4 mm
1.6
4
5.8
7.4
2
3.1
1.6
3.5
3
Soldering pads
Pre-Arcing Time
Rated Current In
1.0 x In min.
2.0 x In max.
8.0 x In min.
8.0 x In max.
0.25 A - 0.375 A
4 h
60 s
2 ms
30 ms
0.5 A - 6.3 A
4 h
60 s
5 ms
100 ms


Similar Part No. - 3404.0110.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.0110.11 SCHURTER-3404.0110.11 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
3404.0110.xx SCHURTER-3404.0110.xx Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
More results

Similar Description - 3404.0110.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMT125 SCHURTER-OMT125 Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_18 Datasheet
281Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_V01 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_V02 Datasheet
292Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
MSB SCHURTER-MSB_18 Datasheet
282Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT Datasheet
290Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB Datasheet
504Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT_18 Datasheet
219Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT_V02 Datasheet
289Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
MSB SCHURTER-MSB_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com