Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0031.1902 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0031.1902
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.1902 Datasheet(HTML) 1 Page - Schurter Inc.

  0031.1902 Datasheet HTML 1Page - Schurter Inc. 0031.1902 Datasheet HTML 2Page - Schurter Inc. 0031.1902 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholders
FEF (Snap)
www.schurter.com /PG02
Fuses
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
Fingergrip
Variant 2
250 VAC · 4W/10A (VDE)10A (UL/CSA)
Description
- Panel Thickness 0.75 - 3.0 mm, Snap stepless
Standards
- IEC 60127-6
- UL 4248-1
- CSA 22.2 no. 4248.1
Approvals
- VDE Certificate Number: 131952 UG
- UL File Number: E39328
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 mm
Mounting
Panel Mount, Front Side
Attachment
Snap-in
Terminal
Solder
Rated Voltage
250 VAC
Rated current
10 A (VDE), 10 A (UL/CSA)
Rated Power Acceptance IEC 4 W / 10 A @ Ta 23 °C
Degree of Protection
IP 40
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Material: Cap
Thermoplastic, black, UL 94V-0
Material: Terminals
Tin-Plated Copper Alloy
Unit Weight
6.45 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated Voltage, Rated current,
Power Rating, Approvals
Soldering Methods
Iron
Soldering Profile
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Contact Resistance
≤ 10mΩ at 20 mV acc. to IEC 60127-6
Dielectric Strength
> 3 kV between Life parts
(50 Hz; 1 min)
Impulse Withstand Voltage
> 4 kV between Life parts
Insulation Resistance
≥ 10MΩ between Life parts
(500 VDC; 1 min)
Overvoltage Category
III acc. to IEC 60664-1
Pollution Degree
2 acc. to IEC 60664-1
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Plattendicke
0.75 - 3.0 mm
Dimension
33 mm
S
0.5
4
33
6
Variant 0031.1091 und 0031.1095
S
0.5
4
33
38
Variant Fingergrip 0031.1901 and 0031.1902


Similar Part No. - 0031.1902

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1902 SCHURTER-0031.1902 Datasheet
422Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
0031.1902 SCHURTER-0031.1902 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
0031.1902 SCHURTER-0031.1902 Datasheet
425Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
More results

Similar Description - 0031.1902

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1092 SCHURTER-0031.1092 Datasheet
425Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FEF-SNAP SCHURTER-FEF-SNAP_V01 Datasheet
330Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap-in, 0.75 - 3.0 mm
00311091 SCHURTER-00311091 Datasheet
422Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FPG3 SCHURTER-FPG3_V02 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
04.01.2022
FPG3 SCHURTER-FPG3_V01 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
FUS SCHURTER-FUS Datasheet
432Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
FUS SCHURTER-FUS_V01 Datasheet
433Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
FBS1 SCHURTER-FBS1_18 Datasheet
305Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, PC3, medical
FPG3 SCHURTER-FPG3 Datasheet
457Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
FBS2 SCHURTER-FBS2_18 Datasheet
273Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, horizontal, PC3, medical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com