Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7022.0090 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 7022.0090
Description  Miniature Fuses super-quick-acting FF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7022.0090 Datasheet(HTML) 1 Page - Schurter Inc.

  7022.0090 Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FUSES / SICHERUNGEN
A12FA 380V
Non resettable fuses / Nicht rückstellende Sicherungen
6,3
32
www.schurter.com
110
Miniature Fuses
Type A12 FA 380V
super-quick-acting FF
high breaking capacity
Ceramic tube
Standards
none
Approvals
UL
1,5 · In
2,1 · In
min.
max.
0,1 – 12,5 A
1 h
1 h
Rated
current I
n
n · In
Pre-arcing time/current
characteristic (at Ta 23 °C)
Technical data
Weight
3 g
Multiple of rated current I
n
Order No. /
Rated current I
n
Breaking capacity /
Voltage drop /
Sustained
Pre-arcing
Approvals /
Rated voltage U
n /
power dissipation /
l2t /
n
at / bei I
n
at / bei 1,5 · I
n
at / bei 10 · I
n
max.
max.
mV
W
A2s
7022.0000
0,100
A / 380 V
2600
1,5
1,5 · 10–3
7022.0010
0,125
A / 380 V
2300
1,5
2,9 · 10–3
7022.0020
0,160
A / 380 V
1700
1,4
5,8 · 10–3
7022.0030
0,200
A / 380 V
1500
1,2
1,3 · 10–2
7022.0040
0,250
A / 380 V
1500
2,2
1,9 · 10–2
7022.0050
0,315
A / 380 V
2150
4,1
2,2 · 10–2
7022.0060
0,400
A / 380 V
2750
2,85
2,3 · 10–2
7022.0070
0,500
A / 380 V
2850
3,65
4,1 · 10–2
7022.0080
0,630
A / 380 V
2000
3,2
1 · 10–1
7022.0090
0,800
A / 380 V
2050
4,15
1,7 · 10–1
7022.0100
1
A / 380 V
1750
4,45
4,4 · 10–1
7022.0110
1,25
A / 380 V
740
4,15
2 · 10–1
7022.0120
1,60
A / 380 V
570
3,05
5,4 · 10–1
7022.0130
2
A / 380 V
615
4,50
8,1 · 10–1
7022.0140
2,50
A / 380 V
465
4,35
1,8
7022.0150
3,15
A / 380 V
440
5
3,4
7022.0160
4
A / 380 V
335
4,8
8,1
7022.0170
5
A / 380 V
395
7,7
12
7022.0180
6,30
A / 380 V
170
3
6
7022.0190
8
A / 380 V
135
3,
15
7022.0200
10
A / 380 V
155
4,75
20
7022.0210
12,50
A / 380 V
210
15
150 kA / 380 V AC
p.f. / cos
≥ 0,2
50
75
100


Similar Part No. - 7022.0090

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7022.0250 SCHURTER-7022.0250 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
7022.0250 SCHURTER-7022.0250 Datasheet
210Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
29.09.2021
7022.0260 SCHURTER-7022.0260 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
7022.0260 SCHURTER-7022.0260 Datasheet
210Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
29.09.2021
7022.0300 SCHURTER-7022.0300 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
More results

Similar Description - 7022.0090

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
A12FA500V SCHURTER-A12FA500V Datasheet
386Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
A12FA660V SCHURTER-A12FA660V Datasheet
385Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
00340903 SCHURTER-00340903 Datasheet
243Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
00341001 SCHURTER-00341001 Datasheet
264Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA660V SCHURTER-A12FA660V_18 Datasheet
258Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
A12FA500V SCHURTER-A12FA500V_18 Datasheet
261Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA660V SCHURTER-A12FA660V_V02 Datasheet
269Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
04.01.2022
SA5X20 SCHURTER-SA5X20_V01 Datasheet
242Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA250V SCHURTER-A12FA250V_18 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com