Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7022.0590 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 7022.0590
Description  Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7022.0590 Datasheet(HTML) 1 Page - Schurter Inc.

  7022.0590 Datasheet HTML 1Page - Schurter Inc. 7022.0590 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Non resettable fuses
A12FA 500V
www.schurter.com /PG01_2
Fuses
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
UL 248-14 · 500VAC · Super-Quick-Acting FF
Description
- High breaking capacity
- Current ratings above 12.5 A not China-RoHS compliant
Standards
- UL 248-14
Approvals
- UL File Number: E132506
Applications
- Semiconductor protection
- Test equipment
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
500 VAC
Rated current
0.1 - 12.5 A
Breaking Capacity
10 kA - 150 kA
Characteristic
Super-Quick-Acting FF
Mounting
Fuseholder / Clip
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/56 acc. to IEC 60068-1
Material: Tube
Ceramic
Unit Weight
3 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Type, Rated current, Rated Voltage,
Approvals
Dimension
32 mm
31.8±0.8
Pre-Arcing Time
Rated Current In
1.1 x In min.
2.1 x In max.
0.1 A - 12.5 A
60 min
60 min


Similar Part No. - 7022.0590

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7022.0570 SCHURTER-7022.0570 Datasheet
272Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
04.01.2022
More results

Similar Description - 7022.0590

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
A12FA500V SCHURTER-A12FA500V_18 Datasheet
261Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
A12FA500V SCHURTER-A12FA500V Datasheet
386Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
A12FA500V SCHURTER-A12FA500V_V02 Datasheet
272Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
04.01.2022
A12FA660V SCHURTER-A12FA660V_18 Datasheet
258Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA660V SCHURTER-A12FA660V_V02 Datasheet
269Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
04.01.2022
A12FA660V SCHURTER-A12FA660V Datasheet
385Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 660 VAC
00341001 SCHURTER-00341001 Datasheet
264Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_18 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_V02 Datasheet
273Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com