Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0090.0002 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0090.0002
Description  Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0090.0002 Datasheet(HTML) 2 Page - Schurter Inc.

  0090.0002 Datasheet HTML 1Page - Schurter Inc. 0090.0002 Datasheet HTML 2Page - Schurter Inc. 0090.0002 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
ASO 10.3x38
www.schurter.com /PG01_2
Fuses
Derating Curves
80
60
40
20
0
-20
-40
-60
-80
-60
-40 -20
0
20
40
60
80
100 120 140
Ambient Temperature [°C]
Pre-Arcing Time
Rated Current In
1.0 x In min.
1.13 x In min. 1.35 x In max. 1.45 x In max. 2.0 x In max.
1 A - 30 A
60 min
60 min
60 min
60 min
4 min
Time-Current-Curves
0.1
0.0001
0.001
0.01
1
10
100
1000
10000
1
100
10
1000
0090.x001
0090.x002
0090.x003
0090.x004
0090.x005
0090.x006
0090.x008
0090.x010
0090.x012
0090.x015
0090.x020
0090.x025
0090.x030
Current in Amperes
All Variants
Rated Cur-
rent [A]
Mounting
Rated Vol-
tage [VDC]
Breaking
Capacity
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t 20
kA typ. [A²s]
Order Number
1
Standard
1000
1)
602
0.554
l
l
0090.0001
2
Standard
1000
1)
1586
4.755
l
l
0090.0002
3
Standard
1000
1)
1504
7.882
l
l
0090.0003
4
Standard
1000
1)
1491
23.03
l
l
0090.0004
5
Standard
1000
1)
1465
42.6
l
l
0090.0005
6
Standard
1000
1)
1348
80.25
l
l
0090.0006
8
Standard
1000
1)
1610
199
l
l
0090.0008


Similar Part No. - 0090.0002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0090.0002 SCHURTER-0090.0002 Datasheet
276Kb / 2P
   Breaking capacity
0090.0002 SCHURTER-0090.0002 Datasheet
276Kb / 2P
   Breaking capacity
0090.0002 SCHURTER-0090.0002 Datasheet
369Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
0090.0002 SCHURTER-0090.0002 Datasheet
367Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
More results

Similar Description - 0090.0002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38_V01 Datasheet
369Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
ASO10.3X38 SCHURTER-ASO10.3X38_V02 Datasheet
367Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
276Kb / 2P
   Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
04.01.2022
AEO SCHURTER-AEO Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO_V01 Datasheet
329Kb / 3P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
256Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com