Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0031.1804 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0031.1804
Description  Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.1804 Datasheet(HTML) 1 Page - Schurter Inc.

  0031.1804 Datasheet HTML 1Page - Schurter Inc. 0031.1804 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fuseholders
FEU (Grip)
www.schurter.com /PG02
Fuses
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
Socket with Cap to Grip
250 VAC · 4W/10A (VDE)20/16A (UL/CSA)
Description
- Screw type fuse carrier
Standards
- IEC 60127-6
- UL 512
- CSA C22.2 no. 39
Approvals
- VDE Certificate Number: 134125
- UL File Number: E39328
- CSA File Number: 38456
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Accessories, Detailed request for
product
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 or 6.3 x 32 mm
Mounting
Panel Mount, Front Side
Attachment
Fixing Nut
Terminal
Solder
Rated Voltage
250 VAC
Rated current
10 A (VDE), 20/16 A (UL/CSA)
Rated Power Acceptance IEC 4 W / 10 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP 40
Protection Class
Suitable for appliances with protection
class I or II acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoset, black
Material: Terminals
Tin-Plated Copper Alloy
Unit Weight
5.5 g / 3.22 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated Voltage, Rated current,
Approvals
Soldering Methods
Iron
Soldering Profile
Solderability
350 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Contact Resistance
< 5 m
Ω at 20 mV
Dielectric Strength
> 3 kV
> 4 kV between L/N-PE
(50 Hz; 1 min)
Impulse Withstand Voltage
> 4 kV between L-N
> 6 kV between L/N-PE
Insulation Resistance
> 10 M
Ω between L-N
> 100 M
Ω between L/N-PE
(500 VDC; 1 min)
Overvoltage Category
I - III acc. to IEC 60664-1
Pollution Degree
1 - 3 acc. to IEC 60664-1
Admissible Torque on Fixing
Nut
max 1.2 Nm
Plattendicke
max 7 mm
Dimension
0.5
43
16.2
M12.7x1.5
max.7
3.5x2.5
12
SW14
Variant Fingergrip 0031.1801
11.7
0
-0.13
12.2
0
-0.13
13
0
-0.3
Mounting holes


Similar Part No. - 0031.1804

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1804 SCHURTER-0031.1804 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
0031.1804 SCHURTER-0031.1804 Datasheet
269Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
0031.1804-ND SCHURTER-0031.1804-ND Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
More results

Similar Description - 0031.1804

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
231618 SCHURTER-231618 Datasheet
268Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip, horizontal
231702 SCHURTER-231702 Datasheet
381Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip, EMI/RFI
FAC SCHURTER-FAC_V01 Datasheet
284Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
FEP SCHURTER-FEP_18 Datasheet
275Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FAC SCHURTER-FAC_18 Datasheet
272Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
FEP SCHURTER-FEP Datasheet
225Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEP SCHURTER-FEP_V01 Datasheet
289Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
0031.1714 SCHURTER-0031.1714 Datasheet
511Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
231549P SCHURTER-231549P Datasheet
217Kb / 1P
   Shock-Safe Fuseholder, 6.3 x 32 mm, NF, Fingergrip, IP 68
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com