Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2774H-46YM5TR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2774H-46YM5TR
Description  Dual Micro-Power Low Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774H-46YM5TR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2774H-46YM5TR Datasheet HTML 3Page - Micrel Semiconductor MIC2774H-46YM5TR Datasheet HTML 4Page - Micrel Semiconductor MIC2774H-46YM5TR Datasheet HTML 5Page - Micrel Semiconductor MIC2774H-46YM5TR Datasheet HTML 6Page - Micrel Semiconductor MIC2774H-46YM5TR Datasheet HTML 7Page - Micrel Semiconductor MIC2774H-46YM5TR Datasheet HTML 8Page - Micrel Semiconductor MIC2774H-46YM5TR Datasheet HTML 9Page - Micrel Semiconductor MIC2774H-46YM5TR Datasheet HTML 10Page - Micrel Semiconductor MIC2774H-46YM5TR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
MIC2774
March 16, 2015
7
Revision 2.0
Application Information
Programming the Voltage Threshold
Referring to the Typical Application circuit, the voltage
threshold on the IN pin is calculated as follows:
VIH = VREF ×
(����1+����2)����2
where VREF = 0.300V
In order to provide the additional criteria needed to solve
for the resistor values, the resistorscan be selected such
that the two resistors have a given total value; that is, R1
+ R2 = RTOTAL. Imposing this condition on the resistor
values provides two equations that can be solved for the
two unknown resistor values. A value such as 1M
Ω for
RTOTAL is a reasonable choice because it keeps quiescent
current to a generally acceptable level while not causing
any measurable errors due to input bias currents. The
larger the resistors, the larger the potential errors due to
input bias current (IIN). The maximum recommended
value of RTOTAL is 3M
Ω.
Applying this criteria and rearranging the VIH expression
to solve for the resistor values gives:
R2 =
(������������������������)(����������������)
������������
R1 = RTOTAL – R2
Application Example
Figure
1
illustrates
a
hypothetical
MIC2774L-23
application in which the MIC2774L-23 is used to monitor
the core and I/O supplies of a high-performance CPU or
DSP. The core supply, VCORE, in the example is 1.0V
±5%. The main power rail and I/O voltage, VI/O, is 2.5V
±5%. As shown in Figure 1, the MIC2774 is powered by
VI/O. The minimum value of VI/O is 2.5V - 5% = 2.375V;
the maximum is 2.5V + 5% = 2.625V. This is well within
the device’s supply range of 1.5V to 5.5V.
Resistors R1 and R2 must be selected to correspond to
the VCORE supply of 1.0V. The goal is to ensure that the
core supply voltage is adequate to ensure proper
operation; i.e., VCORE
≥ (1.0V – 5%) = 0.950V. Because
there is always a small degree of uncertainty due to the
accuracy of the resistors, variations in the device’s
voltage reference, etc., the threshold will be set slightly
below this value. The potential variation in the MIC2774’s
voltage reference (VREF) is specified as ±1.5%. The
resistors
chosen
will
have
their
own
tolerance
specifications. This example assumes the use of 1%
accurate
resistors.
The
potential
worst-case
error
contribution due to input bias current can be calculated
once the resistor values are chosen. If the guidelines
above regarding the maximum total value of R1 + R2 are
followed, this error contribution will be very small thanks
to the MIC2774’s very low input bias current.
To summarize, the various potential error sources are:
Variation in VREF: specified at ±1.5%
Resistor tolerance: chosen by designer (typically
≤±1%)
Input bias current, IIN: calculated once resistor values
are known, typically very small
Taking the various potential error sources into account,
the threshold voltage will be set slight below the minimum
VCORE specification of 0.950V so that when the actual
threshold voltage is at its maximum, it will not intrude into
the normal operating range of VCORE. The target threshold
voltage will be set as follows:
Given that the total tolerance on VTH for the IN pin is [VREF
tolerance] + [resistor tolerance]
= ±1.5% + ±1% = ±2.5%,
and VTH(max) = VCORE(min),
then VCORE(min) = VTH + 2.5% VTH = 1.025 VTH,
therefore, solving for VTH results in
VTH =
��������������������(min)
1.025
=0.9501.025=0.9268����
Solving for R1 and R2 using this value for VTH and the
equations above yields:
R1 = 676.3k
Ω ≈ 673kΩ
R2 = 323.7k
Ω ≈ 324kΩ
The resulting circuit is shown in Figure 1.
Input Bias Current Effects
Now that the resistor values are known, it is possible to
calculate the maximum potential error due to input bias
current, IIN. As shown in the Electrical Characteristics
table, the maximum value of IIN is 10nA. Note that the
typical value is a much smaller 5pA. The magnitude of
the offset caused by IIN is given by:
VERROR = IIN(max) × (R1||R2) =
VERROR = ±1×10
-8A × 2.189×105
Ω =
VERROR = ±2.189×10
-3V =
VERROR = ±2.189mV
The typical error is about three orders of magnitude lower
than this—close to one microvolt. Generally, the error
due to input bias can be discounted. If it is to be taken
into account, simply adjust the target threshold voltage
downward by this amount and recalculate R1 and R2.
The resulting value will be very close to optimum. If
accuracy is more important than the quiescent current in


Similar Part No. - MIC2774H-46YM5TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2774H-46YM5-TR MICROCHIP-MIC2774H-46YM5-TR Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results

Similar Description - MIC2774H-46YM5TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775_15 Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_06 Datasheet
164Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_09 Datasheet
356Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
   Micro-Power Voltage Supervisor Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com